Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIG61 Datasheet(PDF) 2 Page - Yamar Electronics Ltd.

Part # SIG61
Description  Smart Slave for Multiplex Powerline Network
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SIG61 Datasheet(HTML) 2 Page - Yamar Electronics Ltd.

  SIG61_17 Datasheet HTML 1Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 2Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 3Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 4Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 5Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 6Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 7Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 8Page - Yamar Electronics Ltd. SIG61_17 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2012-2017 Yamar Electronics Ltd.
2
DS-SIG61 R1.05
2 OVERVIEW
The SIG61 is an independent slave in a Master-Slaves network operating on a selected narrow band
channel. A single SIG60 master controls all the slaves in a network; the slaves may be SIG61 devices
as well as SIG60 devices operating as slaves.
Proper Network operation is maintained by employing 5 types of command messages: Read, Read-
change, Write, Sleep and Change-Frequency. The command format is similar to the standard Universal
Asynchronous Receiver Transmitter (UART).
The SIG61 has internal narrow band modem, capable of operating in noisy environments. The receiver
listens to the Powerline on its preset frequency. It filters out the signal from noise and interference and
tries to recover the original command. If the checksum is correct, the SIG61 extracts the ID, Command
and the Data.
If the received ID matches its own ID, the SIG61 proceeds to detect the received command. When a
Write command is received, the data part of the command is directed to the corresponding 8 output
pins. When a Read command is detected, the SIG61 responds by transmitting a dedicated message
towards the master containing an image of its 8 input pins.
Multiple networks can operate concurrently on the same wire using different carrier frequencies.
2.1
Channels and Network
The SIG60-SIG61 network supports 16 combinations of frequency pairs. When set to such a pair, it is
easy to switch from one frequency to the other when such need arises. Each channel accommodates a
single SIG60 master and up to 15 SIG61/SIG60 slave devices. Additional SIG60-SIG61 networks can
coexist on the same power line by employing different frequencies for each network, thus allowing
different applications.
Channel frequencies:
1.75MHz, 4.5MHz, 5.5MHz, 6.0MHz, 6.5MHz, 10.5MHz and 13.0MHz.
Data transfer rate:
9.6Kbps up to 115.2Kbps.
Cable length:
Dependant on external AC loads connected to the AC/DC Powerline.
2.2
The SIG61 Device
Figure 2.1 outlines the building blocks of the SIG61 device.
Figure 2.1 - SIG61 Logical Blocks


Similar Part No. - SIG61_17

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
More results

Similar Description - SIG61_17

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
logo
Schneider Electric
SR3MBU01BD SCHNEIDER-SR3MBU01BD_V01 Datasheet
158Kb / 4P
   Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Mar 23, 2022
SR3MBU01BD SCHNEIDER-SR3MBU01BD Datasheet
109Kb / 4P
   Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60 Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
SIG60 YAMAR-SIG60_V01 Datasheet
1Mb / 17P
   UART over Power line for AC/DC Multiplex Network
R107
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
   Modbus Master/Slave Network Interface Module
logo
Yamar Electronics Ltd.
SIG102 YAMAR-SIG102 Datasheet
3Mb / 38P
   Multi I/O Control over DC Powerline Network
R 0.88
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Schneider Electric
TM4PDPS1 SCHNEIDER-TM4PDPS1 Datasheet
100Kb / 3P
   module network TM4 1 Profibus DP slave
Apr 6, 2022
logo
Vishay Siliconix
SI91861 VISHAY-SI91861 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com