Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM0011 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
Download  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 1 Page - Cirrus Logic

  WM0011 Datasheet HTML 1Page - Cirrus Logic WM0011 Datasheet HTML 2Page - Cirrus Logic WM0011 Datasheet HTML 3Page - Cirrus Logic WM0011 Datasheet HTML 4Page - Cirrus Logic WM0011 Datasheet HTML 5Page - Cirrus Logic WM0011 Datasheet HTML 6Page - Cirrus Logic WM0011 Datasheet HTML 7Page - Cirrus Logic WM0011 Datasheet HTML 8Page - Cirrus Logic WM0011 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 233 page
background image
w
WM0011
General Purpose Low-Power Audio DSP
WOLFSON MICROELECTRONICS plc
Production Data, August 2013, Rev 4.1
Copyright
2013 Wolfson Microelectronics plc
DESCRIPTION
WM0011 Audio DSP provides Wolfson HD audio quality,
with a power-budget targeted at handheld battery-powered
audio devices.
WM0011 combines the advanced Tensilica HiFi EP™ audio
DSP with an I/O and peripheral set optimized for flexible
integration into smartphones, tablets and other portable
consumer electronics devices. WM0011 is ideal for
extremely power-efficient implementations of advanced
voice enhancement, telephony noise reduction, voice and
music CODECs and general audio enhancement.
A very wide range of audio CODECs, voice CODECs and
third-party algorithms from such companies as Waves
Audio, SRS Labs and Dolby are available, providing a rich
portfolio of audio-processing options that can be integrated
into a device with no additional software development.
WM0011 comes in a space-saving 3x3mm 49-ball W-CSP
package with 0.4mm pitch.
APPLICATIONS
Wireless audio devices – headsets, microphones,
speakerphones
Portable media devices
Automotive
General purpose digital signal processor for consumer
audio applications
Smartphones
FEATURES
260MHz Tensilica HiFi EP™ 24-bit audio digital signal
processor
-
C-programmable with advanced debugging and
profiling tool set
-
256kB local RAM memory
-
36kB Instruction / Data cache memory
-
384kB general-purpose system RAM
-
Flexible boot options with 32kB boot ROM
-
32 Channel DMA
-
XTAL or CMOS clock input
-
Low-power programmable PLL
Security
-
Support for HW Authentication
-
Random Number Generator (RNG) to assist security
algorithms
Peripherals
-
SPI Master / Slave interface
-
3 x multi-channel AIF interfaces, including I
2S and TDM
-
UART
-
I
2C Master
-
I
2C Slave
-
3 x 32-bit general-purpose timer modules
-
Watchdog timer
-
On-chip JTAG debug unit and trace buffer
-
GPIO
Software-defined standby modes for extended battery life


Similar Part No. - WM0011

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
WM0333OF REDLION-WM0333OF Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WM0333OK REDLION-WM0333OK Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WM0333OK REDLION-WM0333OK Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WM0333OR REDLION-WM0333OR Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
WM0400OF REDLION-WM0400OF Datasheet
451Kb / 4P
   MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
More results

Similar Description - WM0011

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
   ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
logo
STMicroelectronics
PM0014 STMICROELECTRONICS-PM0014 Datasheet
299Kb / 46P
   General-purpose DSP library
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
   Smart Codec with Low-Power Audio DSP
FEB 2019
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Asahi Kasei Microsystem...
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com