Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF4835PSA Datasheet(PDF) 1 Page - Anachip Corp

Part # AF4835PSA
Description  P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF4835PSA Datasheet(HTML) 1 Page - Anachip Corp

  AF4835PSA Datasheet HTML 1Page - Anachip Corp AF4835PSA Datasheet HTML 2Page - Anachip Corp AF4835PSA Datasheet HTML 3Page - Anachip Corp AF4835PSA Datasheet HTML 4Page - Anachip Corp AF4835PSA Datasheet HTML 5Page - Anachip Corp AF4835PSA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AF4835P
P-Channel Enhancement Mode Power MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.2 Nov 19, 2004
1/6
Features
- Simple Drive Requirement
- Low On-resistance
- Fast Switching
Product Summary
BVDSS (V)
RDS(ON) (mΩ)
ID (A)
-30
20
-8
Pin Assignments
SOP-8
5
6
7
8
4
3
2
1
D
D
D
D
S
S
S
G
General Description
The advanced power MOSFET provides the designer
with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
The SOP-8 package is universally preferred for all
commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC
converters.
Pin Descriptions
Pin Name
Description
S
Source
G
Gate
D
Drain
Ordering information
AX 4835P X X X
PN
Package
Feature
F :MOSFET
S: SOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF4835PSA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4811P ANACHIP-AF4811P Datasheet
149Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AF4811PS ANACHIP-AF4811PS Datasheet
149Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AF4811PSA ANACHIP-AF4811PSA Datasheet
149Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AF4811PSL ANACHIP-AF4811PSL Datasheet
149Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AF4811PSLA ANACHIP-AF4811PSLA Datasheet
149Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AF4835PSA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com