Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH110-89PCB1900 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH110-89PCB1900
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH110-89PCB1900 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH110-89PCB1900 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH110-89PCB1900 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH110-89PCB1900 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH110-89PCB1900 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH110-89PCB1900 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH110-89PCB1900 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
AH110
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
AH110 (SOT-89 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
q C
Thermal Resistance, Rth (1)
128
q C / W
Junction Temperature, Tjc (2)
149
q C
Notes:
1. The thermal resistance is referenced from the junction-
to-case at a case temperature of 85 C.
2. This corresponds to the typical biasing condition of
+5V, 100 mA at an 85 C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247 C.
Product Marking
The component will be marked with an
“AH110” designator with an alphanumeric lot
code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235 C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135” ) diameter drill and have a final plated
thru diameter of .25 mm (.010” ).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink. Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board
in the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are
in degrees
MTTF vs. GND Tab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)


Similar Part No. - AH110-89PCB1900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH110-89PCB1900 WJCI-AH110-89PCB1900 Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH110-89PCB1900 WJCI-AH110-89PCB1900 Datasheet
321Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH110-89PCB1900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH110 WJCI-AH110 Datasheet
321Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG014 ETC-ECG014 Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com