Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463R315000N1K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R463R315000N1K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463R315000N1K Datasheet(HTML) 2 Page - Kemet Corporation

  R463R315000N1K Datasheet HTML 1Page - Kemet Corporation R463R315000N1K Datasheet HTML 2Page - Kemet Corporation R463R315000N1K Datasheet HTML 3Page - Kemet Corporation R463R315000N1K Datasheet HTML 4Page - Kemet Corporation R463R315000N1K Datasheet HTML 5Page - Kemet Corporation R463R315000N1K Datasheet HTML 6Page - Kemet Corporation R463R315000N1K Datasheet HTML 7Page - Kemet Corporation R463R315000N1K Datasheet HTML 8Page - Kemet Corporation R463R315000N1K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.comF3095_R46_X2_310_110C • 9/27/2016 2
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging Code
10,
15,
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Ammo Pack
H
0=18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/-0
JA
Bulk (Bag) – Short Leads
3.5+0.5/-0
JB
Bulk (Bag) – Short Leads
4.0+0.5/-0
JE
Bulk (Bag) – Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag) – Long Leads
18+1/-1
JM
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
Bulk (Bag) – Insulated Rigid Leads
30+5/-0(sp8+2/-2)
51
Bulk(Bag)–InsulatedFlexibleLeads
150+5/-5(sp8+2/-2)
52
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Other Lead and Packaging Options
Bulk (Bag) – Short Leads
2.7+0.5/-0
JA
Bulk (Bag) – Short Leads
3.5+0.5/-0
JB
Bulk (Bag) – Short Leads
4.0+0.5/-0
JE
Bulk (Bag) – Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag) – Long Leads
18+1/-1
JM
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
Bulk (Bag) – Insulated Rigid Leads
30+5/-0(sp8+2/-2)
51
Bulk(Bag)–InsulatedFlexibleLeads
150+5/-5(sp8+2/-2)
52
37.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
00
Other Lead and Packaging Options
Bulk (Bag) – Short Leads
2.7+0.5/-0
JA
Bulk (Bag) – Short Leads
3.5+0.5/-0
JB
Bulk (Bag) – Short Leads
4.0+0.5/-0
JE
Bulk (Bag) – Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag) – Long Leads
18+1/-1
JM
Bulk (Bag) – Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50
Bulk (Bag) – Insulated Rigid Leads
30+5/-0(sp8+2/-2)
51
Bulk(Bag)–InsulatedFlexibleLeads
150+5/-5(sp8+2/-2)
52


Similar Part No. - R463R315000N1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463R315000N1K KEMET-R463R315000N1K Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
More results

Similar Description - R463R315000N1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com