Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106K6RACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C106K6RACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106K6RACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C106K6RACTU Datasheet HTML 1Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 2Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 3Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 4Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 5Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 6Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 7Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 8Page - Kemet Corporation C1210C106K6RACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Case Size
Rated DC
Voltage
Capacitance
Value
Dissipation
Factor
(Maximum%)
Capacitance
Shift
Insulation
Resistance
X7R
0402
< 16
All
7.5
± 20%
10% of Initial
Limit
16/25
5.0
> 25
3.0
0603
< 16
<1.0µF
7.5
16/25
5.0
> 25
3.0
< 16
≥1.0µF
20.0
16/25
0805
< 16
<2.2µF
7.5
16/25
5.0
> 25
<1.0µF
3.0
< 16
≥2.2µF
20.0
16/25
> 25
≥1.0µF
1206
< 16
<10µF
7.5
16/25
5.0
> 25
3.0
35/50
≥2.2µF
20.0
< 16
≥10µF
16/25
1210
< 16
<22µF
7.5
16/25
5.0
> 25
3.0
< 16
≥22µF
20.0
16/25
1808-2225
< 16
All
7.5
16/25
5.0
> 25
3.5


Similar Part No. - C1210C106K6RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106K6PACTU KEMET-C1210C106K6PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 35 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1210C106K6RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com