Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463F315000L2M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463F315000L2M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463F315000L2M Datasheet(HTML) 1 Page - Kemet Corporation

  R463F315000L2M Datasheet HTML 1Page - Kemet Corporation R463F315000L2M Datasheet HTML 2Page - Kemet Corporation R463F315000L2M Datasheet HTML 3Page - Kemet Corporation R463F315000L2M Datasheet HTML 4Page - Kemet Corporation R463F315000L2M Datasheet HTML 5Page - Kemet Corporation R463F315000L2M Datasheet HTML 6Page - Kemet Corporation R463F315000L2M Datasheet HTML 7Page - Kemet Corporation R463F315000L2M Datasheet HTML 8Page - Kemet Corporation R463F315000L2M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.comF3095_R46_X2_310_110C • 9/27/2016 1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL, CQC
• Class X2 (IEC 60384-14)
• Rated voltage: 310 VAC 50/60 Hz
• Capacitance range: 0.01 – 10 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−40˚Cto+110˚C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self-healing properties
Overview
The R46 Series is constructed of metallized polypropylene
filmencapsulatedwithself-extinguishingresininaboxof
material meeting the requirements of UL 94 V–0.
Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications requiring X2
safetyclassification.Intendedforuseinsituationswhere
capacitor failure would not result in exposure to electric
shock. Not for use in “series with mains” type applications.
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Part Number System
R46
3
N
3150
00
01
M
Series
Rated Voltage
(VAC)
Lead Spacing
(mm)
Capacitance
Code (pF)
Packaging
Internal Use
Capacitance
Tolerance
X2, Metallized
Polypropylene
3 = 310
F = 10.0
I = 15.0
N = 22.5
R = 27.5
W = 37.5
The last three
digits represent
significantfigures.
Thefirstdigit
specifiesnumber
ofzerostobe
added.
See Ordering
OptionsTable
01
02
L2
M1
M2
N0
N1
N2
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R463F315000L2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463F315000L2M KEMET-R463F315000L2M Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
More results

Similar Description - R463F315000L2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com