Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP-10B Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWP-10B
Description  5-30A, 700 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-10B Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWP-10B Datasheet HTML 1Page - Cooper Bussmann, Inc. FWP-10B Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Fuse
5-30A, 700 Volts
BIF Document
35785316
Size
24
6
8
101
2
24
6
8
2
102
24
6
8
103
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10–1
10–2
10–3
10–4
102
101
100
103
104
Prospective Current In Amperes RMS
FWP-10B
FWP-15B
FWP-20B
FWP-5B
FWP-30B
FWP-25B
Minimum Melting
Time-Current Characteristic Curves
FWP 5B-30B
Approved:
NN
Rev. Date:
SEPT-97
Page
1 of 2
Pub. Date:
JAN-98
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
314-394-2877
Fax:
800-544-2570
Int’l Fax: 314-527-1413
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44-1509-882737
Fax:
44-1509-882786
BUSSMANN DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45-4485-0900
Fax:
45-4485-0901
Bussmann reserves the right without notice to change design and/or discontinue distribution of this product.
7-11-01
SB01191


Similar Part No. - FWP-10B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-10B COOPER-FWP-10B Datasheet
750Kb / 20P
   High Speed Fuses
FWP-10B COOPER-FWP-10B Datasheet
50Kb / 2P
   FWP 700V 5-1200A
More results

Similar Description - FWP-10B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
logo
Cooper Bussmann, Inc.
WP-20A22F COOPER-WP-20A22F Datasheet
43Kb / 2P
   20-100A, 700 Volts
FWP-150A COOPER-FWP-150A Datasheet
32Kb / 2P
   125-600A, 700 Volts
logo
National Instruments Co...
P2H30F6 NI-P2H30F6_15 Datasheet
206Kb / 2P
   30A Avg 600 Volts
logo
Cooper Bussmann, Inc.
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
34Kb / 2P
   20-30A, 1000 Volts
logo
National Instruments Co...
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
   30A Avg 400 Volts
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
   30A Avg 200 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com