Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWP-150A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWP-150A
Description  125-600A, 700 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-150A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWP-150A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWP-150A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Fuse
125-600A, 700 Volts
BIF Document
361
Size
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
FWP-150A
FWP-200A
FWP-300A
FWP-400A
FWP-600A
Prospective Current In Amperes RMS
10
2
10
3
10
4
10
5
Minimum Melting
Time-Current Characteristic Curves
FWP 125A-600A
Approved:
HF
Rev. Date:
NOV-97
Page
1 of 2
Pub. Date:
JAN-98
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
314-394-2877
Fax:
800-544-2570
Int’l Fax: 314-527-1413
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44-1509-882737
Fax:
44-1509-882786
BUSSMANN DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45-4485-0900
Fax:
45-4485-0901
Bussmann reserves the right without notice to change design and/or discontinue distribution of this product.
7-11-01
SB01191


Similar Part No. - FWP-150A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-150A COOPER-FWP-150A Datasheet
750Kb / 20P
   High Speed Fuses
FWP-150A COOPER-FWP-150A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-150A COOPER-FWP-150A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
More results

Similar Description - FWP-150A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
logo
ON Semiconductor
BUL147 ONSEMI-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
logo
Cooper Bussmann, Inc.
WP-20A22F COOPER-WP-20A22F Datasheet
43Kb / 2P
   20-100A, 700 Volts
FWP-5B COOPER-FWP-5B Datasheet
34Kb / 2P
   5-30A, 700 Volts
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Micro Commercial Compon...
RB461F MCC-RB461F Datasheet
138Kb / 2P
   700 mA Schottky Barrier Diode 20 Volts
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com