Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4641VN Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4641VN
Description  16 BIT CODEC WITH BLUETOOTH INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4641VN Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4641VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4641VN Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
ASAHI KASEI
[AK4641]
MS0301-E-00
2004/05
- 6 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=BVDD=3.3V; AVSS=DVSS=BVSS=0V; Signal Frequency=1kHz; 16bit Data;
Stereo CODEC: fs=44.1kHz, BICK=64fs; Measurement frequency=20Hz
∼ 20kHz;
Mono CODEC: Bfs=8kHz; BBICK=32Bfs; Measurement frequency=20Hz
∼ 3.4kHz; unless otherwise specified)
Parameter
Min
typ
max
Units
MIC Amplifier
Input Resistance
20
30
40
k
MGAIN bit = “0”
-
0
-
dB
Gain
MGAIN bit = “1”
-
+20
-
dB
MIC Power Supply
Output Voltage
(Note 4)
2.22
2.47
2.72
V
Load Resistance
2
-
-
k
Load Capacitance
-
-
30
pF
MIC Detection
Comparator Voltage Level
(Note 5)
0.165
-
0.257
V
Internal pull down Resistance
250
500
750
k
Input PGA Characteristics:
Input Resistance
(Note 6)
5
10
15
k
Step Size
0.1
0.5
0.9
dB
Max (IPGA6-0 bits = “47H”)
-
+27.5
-
dB
Gain Control Range
Min (IPGA6-0 bits = “00H”)
-
−8
-
dB
ADC Analog Input Characteristics of Stereo CODEC: MIC Gain=+20dB, IPGA=0dB, ALC1=OFF, MIC
→ IPGA
→ ADC of Stereo CODEC
Resolution
-
-
16
Bits
Input Voltage
(MIC Gain=+20dB, Note 7)
0.168
0.198
0.228
Vpp
S/(N+D)
(
−1dBFS)
71
81
-
dB
D-Range
(
−60dBFS, A-weighted)
78
86
-
dB
MIC Gain=+20dB, A-weighted
78
86
-
dB
S/N
MIC Gain=0dB, A-weighted
-
92
-
dB
DAC Characteristics of Stereo CODEC:
Resolution
-
-
16
Bits
Stereo Line Output Characteristics: RL=10kΩ, DAC of Stereo CODEC → LOUT/ROUT pins
Output Voltage
(Note 8)
1.78
1.98
2.18
Vpp
S/(N+D)
(0dBFS)
76
86
-
dBFS
S/N
(A-weighted)
82
90
-
dB
Interchannel Isolation
-
100
-
dB
Interchannel Gain Mismatch
-
0.1
0.5
dB
Load Resistance
10
-
-
k
Load Capacitance
-
-
30
pF
Note 4. Output voltage is proportional to AVDD voltage. Vout = 0.75 x AVDD (typ).
Note 5. Comparator Voltage Level is proportional to AVDD voltage. Vout = 0.05 x AVDD (min), 0.078 x AVDD (max).
Note 6. When IPGA Gain is changed, this typical value changes between 8k
Ω and 11kΩ.
Note 7. Input voltage is proportional to AVDD voltage. Vin = 0.06 x AVDD (typ).
Note 8. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ).


Similar Part No. - AK4641VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AK4641EN AKM-AK4641EN Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results

Similar Description - AK4641VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4641EN AKM-AK4641EN Datasheet
459Kb / 50P
   16-Bit ?誇 CODEC with Bluetooth Interface
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
logo
CINCON ELECTRONICS Corp...
BD5T CINCON-BD5T Datasheet
652Kb / 2P
   Bluetooth Interface
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Codec With USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com