Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5385A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5385A
Description  24BIT 192KHZ ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5385A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5385A Datasheet HTML 1Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 2Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 3Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 4Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 5Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 6Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 7Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 8Page - Asahi Kasei Microsystems AK5385A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ASAHI KASEI
[AK5385A]
MS0265-J-01
2003/11
- 4 -
n AK5383とのレイアウト比較
3.0 ~ 5.25V
Digital
VREFL
GNDL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCOML
AINL+
AINL-
ZCAL
VD
DGND
CAL
RSTN
SMODE2
SMODE1
LRCK
SCLK
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VREFR
GNDR
VCOMR
AINR+
AINR-
VA
AGND
BGND
TEST
HPFE
DFS
MCLK
FSYNC
SDATA
0.1
µ
10
µ
0.22
µ
0.1
µ
10
µ
0.1
µ
10
µ
5V
Analog
Analog Ground
0.1
µ
10
µ
0.22
µ
3.0 ~ 5.25V
Digital
VREFL
AVSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCOM
LIN+
LIN-
CKS0
DVDD
DVSS
OVF
PDN
M/S
DIF
LRCK
BICK
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VREFR
AVSS
TEST
RIN+
RIN-
AVDD
AVSS
BVSS
DFS1
HPFE
DFS0
MCLK
CKS1
SDTO
10
µ
0.22
µ
0.1
µ
10
µ
0.1
µ
10
µ
5V
Analog
10
µ
AK5385A
AK5383
0.1
µ
Analog Ground
0.1
µ
Pin #
AK5383
AK5385A
VREFL
VREFL
1
Lch Voltage Reference Output Pin, 3.75V
Normally, connected to GNDL with a 10
µF
electrolytic capacitor and a 0.1
µF ceramic capacitor.
Lch Voltage Reference Input Pin, AVDD
Normally, connected to AVSS with a 10
µF
electrolytic capacitor and a 0.1
µF ceramic capacitor.
ZCAL
CKS0
6
Zero Calibration Control Pin
This pin controls the calibration reference signal.
Master Clock Select 0 Pin
(Internal Pull-down Pin, typ. 100k
Ω)
CAL
OVF
9
Calibration Active Signal Pin
Analog Input Overflow Detect Pin
SMODE2
DIF
11
Serial Interface Mode Select Pin
Audio Interface Format Pin
SMODE1
M/S
12
Serial Interface Mode Select Pin
Master / Slave Mode Pin
FSYNC
CKS1
16
Frame Synchronization Signal Pin
Master Clock Select 1 Pin
(Internal Pull-down Pin, typ.100k
Ω)
DFS
DFS0
18
Double Speed Sampling Mode Pin
Sampling Speed Select 0 Pin
TEST
DFS1
20
Test Pin (Internal Pull-down Pin)
Sampling Speed Select 1 Pin
VCOMR
TEST
26
Rch Common Voltage Pin, 2.75V
Test Pin (Internal Pull-down Pin, typ. 100k
Ω)
VREFR
VREFR
28
Rch Voltage Reference Output Pin, 3.75V
Normally, connected to GNDL with a 10
µF
electrolytic capacitor and a 0.1
µF ceramic capacitor.
Rch Voltage Reference Input Pin, AVDD
Normally, connected to AVSS with a 10
µF
electrolytic capacitor and a 0.1
µF ceramic capacitor.


Similar Part No. - AK5385A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
390Kb / 27P
   Evaluation board Rev.A for AK5385A
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
More results

Similar Description - AK5385A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com