Electronic Components Datasheet Search |
|
C1825C106K1RACTU Datasheet(PDF) 2 Page - Kemet Corporation |
|
C1825C106K1RACTU Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1002_X7R_SMD • 6/9/2017 2 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 – 250 VDC (Commercial Grade) Packaging C-Spec Ordering Options Table Packaging Type1 Packaging/Grade Ordering Code (C-Spec) BulkBag/Unmarked Notrequired(Blank) 7"Reel/Unmarked TU 13"Reel/Unmarked 7411 (EIA 0603 and smaller case sizes) 7210(EIA0805andlargercasesizes) 7" Reel/Marked TM 13" Reel/Marked 7040 (EIA 0603 and smaller case sizes) 7215(EIA0805andlargercasesizes) 7"Reel/Unmarked/2mmpitch2 7081 13"Reel/Unmarked/2mmpitch2 7082 1 Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging. 1 The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors that have not been laser marked. Please contact KEMET if you require a laser marked option. For more information see "Capacitor Marking". 2 The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information". Dimensions – Millimeters (Inches) L B W S T EIA Size Code Metric Size Code L Length W Width T Thickness B Bandwidth S Separation Minimum Mounting Technique 0402 1005 1.00 (0.040)±0.05 (0.002) 0.50 (0.020)±0.05 (0.002) See Table 2 forThickness 0.30 (0.012)±0.10 (0.004) 0.30 (0.012) SolderReflow Only 0603 1608 1.60 (0.063)±0.15 (0.006) 0.80 (0.032)±0.15 (0.006) 0.35 (0.014)±0.15 (0.006) 0.70 (0.028) Solder Wave or SolderReflow 0805 2012 2.00 (0.079)±0.20 (0.008) 1.25 (0.049)±0.20 (0.008) 0.50 (0.02)±0.25 (0.010) 0.75 (0.030) 1206 3216 3.20 (0.126)±0.20 (0.008) 1.60 (0.063)±0.20 (0.008) 0.50 (0.02) ±0.25 (0.010) N/A 12101 3225 3.20 (0.126)±0.20 (0.008) 2.50 (0.098)±0.20 (0.008) 0.50 (0.02)±0.25 (0.010) SolderReflow Only 1808 4520 4.70 (0.185)±0.50 (0.020) 2.00 (0.079)±0.20 (0.008) 0.60 (0.024)±0.35 (0.014) 1812 4532 4.50 (0.177)±0.30 (0.012) 3.20 (0.126)±0.30 (0.012) 0.60 (0.024)±0.35 (0.014) 1825 4564 4.50 (0.177)±0.30 (0.012) 6.40 (0.252)±0.40 (0.016) 0.60 (0.024)±0.35 (0.014) 2220 5650 5.70 (0.224)±0.40 (0.016) 5.00 (0.197)±0.40 (0.016) 0.60 (0.024)±0.35 (0.014) 2225 5664 5.60 (0.220)±0.40 (0.016) 6.40 (0.248)±0.40 (0.016) 0.60 (0.024)±0.35 (0.014) 1 For capacitance values ≥ 4.7 µF add 0.02 (0.001) to the width tolerance dimension and 0.10 (0.004) to the length tolerance dimension. |
Similar Part No. - C1825C106K1RACTU |
|
Similar Description - C1825C106K1RACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |