Electronic Components Datasheet Search |
|
FWX-3A14F Datasheet(PDF) 1 Page - Cooper Bussmann, Inc. |
|
FWX-3A14F Datasheet(HTML) 1 Page - Cooper Bussmann, Inc. |
|
1 / 1 page Form No. Page 1 of 1 BIF Doc #720006 Bussmann® The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con- tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. 7-18-01 SB01191 Ferrule FWX 250V (U.L.) 1-30A ® Dimensions 1.5 1.0 0.5 0.3 0.2 0.15 75 125 300 200 250 Eg K UL 1.4 1.2 103 800 600 500 400 300 200 50 100 150 200 250V Eg RMS Kp 1.0 0.8 0.4 0.5 0.6 0.3 0.2 0.1 30 40 50 60 70 80 90 100% I b 50.8 (2.000") 15.5 (0.610") 14.3 (0.563") Electrical Characteristics Ordering Information Dimensions Curves Rated I2t (A2S) Carton Current Clearing Watts Part Carton Weight Figure Size RMS-Amps Pre-arc at 250V Loss Number Qty. (kg) Number BIF # 1 — — — FWX-1A14F 2 — — — FWX-2A14F 3 — — — FWX-3A14F 4 — — — FWX-4A14F 14 ≈ 51mm 5 1.6 13 1.3 FWX-5A14F 10 0.225 Fig. 1 (·Ω¡§∑) 10 3.6 24 3.4 FWX-10A14F 35785302 15 14 83 3.8 FWX-15A14F 20 33 200 4.6 FWX-20A14F 25 58 300 5.3 FWX-25A14F 30 100 500 5.9 FWX-30A14F 50 200 1800 5.7 FWX-50A14F Interrupting rating 200kA RMS Symmetrical. 1 kg = 2.2 lbs. 1 lb = 0.45 kg Watts loss provided at rated current. (250 Vdc/Interrupting rating 50kA) U.L. Recognition on 5 through 30 amperes only. Consult Bussmann for additional ratings. See accessories on page 90. Fig. 1: 1-30 Amp Range Dimension in mm. 1mm = 0.0394∑ 1∑ = 25.4mm Total Clearing I2t The total clearing I 2t at rated voltage and at power factor of 15% are given in the electrical characteristics. For other volt- ages, the clearing I 2t is found by multi- plying by correction factor, K , given as a function of applied working voltage, Eg, (RMS). Arc Voltage This curve gives the peak arc voltage, UL, which may appear across the fuse during its operation as a function of the applied working voltage, Eg, (RMS) at a power factor of 15%. Power Losses Watts loss at rated current is given in the electrical characteristics. The curve allows the calculation of the power losses at load currents lower than the rated current . The correction factor, Kp , is given as a function of the RMS load current, Ib , in % of the rated current . Electrical Characteristics |
Similar Part No. - FWX-3A14F |
|
Similar Description - FWX-3A14F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |