Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4640 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4640
Description  AKD4640 EVALUATION BOARD
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4640 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4640 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4640 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ASAHI KASEI
[AKD4640]
<KM072300>
2003/07
- 1 -
概  要
AKD4640は、16ビットMIC/HP/SPKアンプ内蔵CODEC、AK4640の評価用ボードです。A/D
→ D/Aのル
ープバックモードに加えて、A/Dのみ、D/Aのみの評価も可能です。ディジタルインタフェースにも対
応しており、光コネクタを介してディジタルオーディオ機器とインタフェース可能です。
n オーダリングガイド
AKD4640
---
AK4640評価用ボード
(IBM-AT互換機のプリンタポートとの接続用ケーブルとコントロールソフトを
同梱。Windows NT上ではコントロールソフトは動作しません。)
機  能
• DIT, DIRにより、光入出力が可能
• 外部クロック用BNCコネクタ
• シリアルコントロール用10ピンヘッダー
10pin Header
Control Data
10pin Header
3.3V
GND
HP
BEEP
AK4114
AK4640
MOUT+
5V
Regulator
MIC
AUXIN+
DSP
Opt In
Opt Out
DIR
図1. AKD4640ブロック図
* 回路図、パターン図は文末に添付。
AK4640評価用ボードRev.B
AKD4640


Similar Part No. - AKD4640

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4640 AKM-AKD4640 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AKD4640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com