Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C256-120 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM27C256-120
Description  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-120 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM27C256-120 Datasheet HTML 1Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 2Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 3Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 4Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 5Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 6Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 7Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 8Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AMD
2-35
Am27C256
ORDERING INFORMATION
UV EPROM Products
DEVICE NUMBER
Am27C256
256 Kilobit (32,768 x 8-Bit) CMOS UV EPROM
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CDV028)
Valid Combinations
AMD Standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
B
C
D
-55
AM27C256
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I
= Industrial (–40
°C to +85°C)
E = Extended Commercial (–55
°C to +125°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
AM27C256-55
AM27C256-70
DC, DCB, DI, DIB
AM27C256-90
AM27C256-120
AM27C256-150
AM27C256-200
AM27C256-255
DC, DCB, DI,
DIB, DE, DEB
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
DC, DCB, DI, DIB


Similar Part No. - AM27C256-120

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256-120DC AMD-AM27C256-120DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DCB AMD-AM27C256-120DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DE AMD-AM27C256-120DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DEB AMD-AM27C256-120DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DI AMD-AM27C256-120DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Similar Description - AM27C256-120

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com