Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432Y Datasheet(PDF) 4 Page - Anachip Corp

Part # AP432Y
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432Y Datasheet(HTML) 4 Page - Anachip Corp

  AP432Y Datasheet HTML 1Page - Anachip Corp AP432Y Datasheet HTML 2Page - Anachip Corp AP432Y Datasheet HTML 3Page - Anachip Corp AP432Y Datasheet HTML 4Page - Anachip Corp AP432Y Datasheet HTML 5Page - Anachip Corp AP432Y Datasheet HTML 6Page - Anachip Corp AP432Y Datasheet HTML 7Page - Anachip Corp AP432Y Datasheet HTML 8Page - Anachip Corp AP432Y Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.23, 2004
4/16
Absolute Maximum Ratings
Cathode Voltage……………....……...........…..........……………………………………...……….20V
Continuous cathode current ………………………………......................……………………...-10mA ~ 250mA
Reference input current range ………………………...….………....................………………………………10mA
Operating temperature range (AP432) ……………………………………………………………… -20
oC ~ 85oC
(AP432I……………..…..…............……………………………..……. -40
oC~85oC
Lead Temperature……………….…………….…..……………………..………………..……........260
oC
Storage Temperature ……………………..............…......………………….......……...........-65
oC ~ 150oC
Power Dissipation (Notes 1. 2)
SOT89 .……………..……..……………………...........….... 0. 80W
TO92.....…………….………………………....……….. ..... 0.78W
SOT23 …………………..…..…………………………….…. 0.25W
SOT25...……………………..………….……………………..0.25W
SOP...………………….……………………………..……… 0.6W
Note 1: TJ, max =150
oC. .
Note 2: Ratings apply to ambient temperature at 25
oC.
Electrical Characteristics (Ta=25oC, unless otherwise specified.)
Parameter
Test conditions
Symbo
l
Min.
Typ.
Max.
Unit
AP432
1.227
1.252
Reference voltage
VKA = Vref,
I KA = 10mA
(Fig.1)
AP432A
VREF
1.233
1.24
1.246
V
Deviation of reference input voltage
over temperature (Note 3)
VKA = VREF , IKA = 10mA ,
Ta = full range
(Fig.1)
VREF
3.0
20
mV
Ratio of the change in reference
voltage to the change in cathode
voltage
IKA = 10mA
(Fig.2)
VKA = 20 ~VREF
KA
REF
V
V
-1.4
-2.0
mV/V
Reference input current
R1 = 10KΩ,R2 = ∞
IKA= 10mA (Fig.2)
IREF
1.4
3.5
µA
Deviation of reference input current
over temperature
R1 = 10KΩ,R2 = ∞
IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum cathode current for
regulation
VKA = VREF (Fig.1)
IKA(min)
0.15
0.3
mA
Off-state current
VKA = 20V , VREF = 0V (Fig.3) IKA(off)
0.1
1.0
µA
Dynamic output impedance (Note 4)
V KA = VREF
IKA = 0.1mA ~ 15mA
Frequency 1KHz (Fig.1)
KA
Z
0.2
0.5


Similar Part No. - AP432Y

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432Y ANACHIP-AP432Y Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432Y-A A-POWER-AP432Y-A Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
AP432Y-B A-POWER-AP432Y-B Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
Anachip Corp
AP432YA ANACHIP-AP432YA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432YG-13 DIODES-AP432YG-13 Datasheet
281Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
DS31003 Rev. 16 - 2
More results

Similar Description - AP432Y

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com