Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW50A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # FW50A
Description  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW50A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  FW50A Datasheet HTML 1Page - Bourns Electronic Solutions FW50A Datasheet HTML 2Page - Bourns Electronic Solutions FW50A Datasheet HTML 3Page - Bourns Electronic Solutions FW50A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
FWxxASeriesFusiblePowerResistors
Fusing Performance
Temperature Rise
Power Derating Curve
Pulse Performance
1.2/50µsPeakVoltageLimit(10pulsesat10sec.intervals,∆R<5%)
NOTE:Thevoltageshowninthesecurvesisthevoltageacrosstheresistor.Thegeneratorvoltagewillbehigherduetothegenerator’sinternalimpedance.
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
1 W
2 W
3 W
5 W
7 W
2 W3 W5 W
7 W
10
20
Initial Power (W)
Rated Load (%)
30
40
70
50
60
0
20
40
20
60
80
100
100
200
300
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
-55
050
100
150
200
250
+70°C
+155°C
+275°C
300
20
40
AmbientTemperature(°C)
60
80
100


Similar Part No. - FW50A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FW50A10R0JA BOURNS-FW50A10R0JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW50A4R70JA BOURNS-FW50A4R70JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW50A5R10JA BOURNS-FW50A5R10JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW50A5R60JA BOURNS-FW50A5R60JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW50A6R20JA BOURNS-FW50A6R20JA Datasheet
669Kb / 4P
   Fusible Power Resistors
More results

Similar Description - FW50A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com