Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9250A-824-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 9250A-824-RC
Description  Molded Axial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9250A-824-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  9250A-824-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9250A-824-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
9250ASeriesMoldedAxialInductor
Typ. Part Marking - MIL-STD Color Code
DIMENSIONS:
MM
(INCHES)
Product Dimensions
REV.04/17
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(Ω)
Max.
Idc
(mA)
Isat
(mA)
(μH)
Tol. (%)
9250A-105-RC
1000
±10
60
0.79
3.8
17.5
70
40
9250A-125-RC
1200
±10
45
0.25
1.5
22.1
60
35
9250A-155-RC
1500
±10
45
0.25
1.2
26.5
55
33
9250A-185-RC
1800
±10
45
0.25
1.0
29.9
50
30
9250A-225-RC
2200
±10
45
0.25
0.97
33.8
50
27
9250A-275-RC
2700
±10
45
0.25
0.92
47.3
40
25
9250A-335-RC
3300
±10
45
0.25
0.84
53.0
40
22
9250A-395-RC
3900
±10
45
0.25
0.8
73.8
35
20
9250A-475-RC
4700
±10
45
0.25
0.74
81.6
31
19
9250A-565-RC
5600
±10
44
0.25
0.73
98.9
28
17
9250A-685-RC
6800
±10
40
0.25
0.66
111
27
16
9250A-825-RC
8200
±10
40
0.25
0.54
119
26
15
Electrical Specifications (Continued)
10.41 ± 0.51
(0.41 ± 0.02)
25.4
(1.00)
TYP.
0.635
(0.025)
4.11 ± 0.25
(0.162 ± 0.01)
Tape and Reel Packaging Specifications
66.0 ± 2.0
(2.598 ± .079)
80.0 ± 2.0
(3.150 ± .079)
305.0 ± 2.0
(12.008 ± .079) DIA.
17.0 ± 2.0
(.669 ± .079)
DIA.
D1
NOTE: THE DIFFERENCE BETWEEN D1 AND D2 SHOULD NOT EXCEED 1.0 (.039).
D2
1.0
(.039)
MAX.
52.0 ± 1.5
(2.047 ± .059)
3.20
(.126)
MIN.
6.0 ± 1.0
(.236 ± .039)
0.5
(.020)
MAX.
1.20
(.047)
MAX.
5.0 ± 0.5
(.197 ± .020)
DIMENSIONS:
MM
(INCHES)
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example:
6.8 µH, ±10 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example:
6.8 µH, ±10 %


Similar Part No. - 9250A-824-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9250A-824-RC BOURNS-9250A-824-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
More results

Similar Description - 9250A-824-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com