Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64B-15JC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C64B-15JC
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B-15JC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C64B-15JC Datasheet HTML 5Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 6Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 7Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 8Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 9Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 10Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 11Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 12Page - ATMEL Corporation AT28C64B-15JC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AT28C64B
11
Note:
1. See “Valid Part Numbers” table below.
Ordering Information
(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
40
0.1
AT28C64B-15JC
AT28C64B-15PC
AT28C64B-15SC
AT28C64B-15TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-15JI
AT28C64B-15PI
AT28C64B-15SI
AT28C64B-15TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
200
40
0.1
AT28C64B-20JC
AT28C64B-20PC
AT28C64B-20SC
AT28C64B-20TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-20JI
AT28C64B-20PI
AT28C64B-20SI
AT28C64B-20TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
250
40
0.1
AT28C64B-25JC
AT28C64B-25PC
AT28C64B-25SC
AT28C64B-25TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-25JI
AT28C64B-25PI
AT28C64B-25SI
AT28C64B-25TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C64B
15
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
20
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
25
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
W
Die Products
Reference Section: Parallel EEPROM Die Products
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
28P6
28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
W
Die


Similar Part No. - AT28C64B-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B-15JC ATMEL-AT28C64B-15JC Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com