Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C256-200EI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM27C256-200EI
Description  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-200EI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM27C256-200EI Datasheet HTML 4Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 5Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 6Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 7Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 8Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 9Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 10Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 11Page - Advanced Micro Devices AM27C256-200EI Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AMD
2-40
Am27C256
DC CHARACTERISTICS over operating range unless otherwise specified.
(Notes 1, 2 and 4)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –400
µA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
–0.5
+0.8
V
ILI
Input Load Current
VIN = 0 V to +VCC
ILO
Output Leakage Current
VOUT = 0 V to +VCC
ICC1
VCC Active Current
CE = VIL, f = 10 MHz,
ICC2
VCC TTL Standby Current
CE = VIH
1.0
mA
ICC3
VCC CMOS Standby Current
CE = VCC
± 0.3 V
100
µA
IPP1
VPP Current During Read
CE = OE = VIL, VPP = VCC
100
µA
(Note 3)
IOUT = 0 mA
C/I Devices
E Devices
1.0
5.0
25
µA
µA
mA
1.0
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. Caution: The Am27C256 must not be removed from (or inserted into) a socket when VCC or VPP is applied.
3. ICC1 is tested with OE = VIH to simulate open outputs.
4. Minimum DC Input Voltage is –0.5 V. During transitions, the inputs may overshoot to –2.0 V for periods less than 20 ns.
Maximum DC Voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods less than 20 ns.
–75 –50 –25 0
25
50
75 100 125 150
30
25
20
15
10
Frequency in MHz
08007H-7
123
456789
10
30
25
20
15
10
Temperature in
°C
Figure 1. Typical Supply Current
vs. Frequency
VCC = 5.5 V, T = 25
°C
Figure 2. Typical Supply Current
vs. Temperature
VCC = 5.5 V, f = 10 MHz
08007H-6


Similar Part No. - AM27C256-200EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256-200DC AMD-AM27C256-200DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DCB AMD-AM27C256-200DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DE AMD-AM27C256-200DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DEB AMD-AM27C256-200DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-200DI AMD-AM27C256-200DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Similar Description - AM27C256-200EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com