Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT28C64B-15JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT28C64B-15JI
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B-15JI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28C64B-15JI Datasheet HTML 1Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 2Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 3Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 4Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 5Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 6Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 7Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 8Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AT28C64B
5
AC Read Waveforms
(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
Input Test Waveforms and
Measurement Level
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT28C64B-15
AT28C64B-20
AT28C64B-25
Units
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
150
200
250
ns
tCE
(1)
CE to Output Delay
150
200
250
ns
t
OE
(2)
OE to Output Delay
0
70
0
80
0
100
ns
t
DF
(3)(4)
CE or OE to Output Float
0
50
0
55
0
60
ns
t
OH
Output Hold from OE, CE or
Address, whichever occurred first
00
0
ns
t
R, tF < 5 ns
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
COUT
812
pF
VOUT = 0V


Similar Part No. - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com