Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64B-15JI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C64B-15JI
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B-15JI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT28C64B-15JI Datasheet HTML 2Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 3Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 4Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 5Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 6Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 7Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 8Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 9Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AT28C64B
6
AC Write Waveforms
WE Controlled
CE Controlled
AC Write Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Setup Time
0
ns
t
AH
Address Hold Time
50
ns
tCS
Chip Select Setup Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)
100
ns
tDS
Data Setup Time
50
ns
t
DH, tOEH
Data, OE Hold Time
0
ns


Similar Part No. - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com