Electronic Components Datasheet Search |
|
C0402H124C2GALTU Datasheet(PDF) 7 Page - Kemet Corporation |
|
C0402H124C2GALTU Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1001_C0G_200C_SMD • 7/23/2014 7 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade) Table 2 – Chip Thickness/Packaging Quantities Thickness Code Case Size Thickness ± Range (mm) Paper Quantity Plastic Quantity 7" Reel 13" Reel 7" Reel 13" Reel BB 0402 0.50 ± 0.05 10,000 50,000 0 0 CF 0603 0.80 ± 0.07 4,000 15,000 0 0 DC 0805 0.78 ± 0.10 4,000 10,000 0 0 DD 0805 0.90 ± 0.10 4,000 10,000 0 0 DE 0805 1.00 ± 0.10 0 0 2,500 10,000 DF 0805 1.10 ± 0.10 0 0 2,500 10,000 DG 0805 1.25 ± 0.15 0 0 2,500 10,000 EB 1206 0.78 ± 0.10 4,000 10,000 4,000 10,000 EC 1206 0.90 ± 0.10 0 0 4,000 10,000 ED 1206 1.00 ± 0.10 0 0 2,500 10,000 EE 1206 1.10 ± 0.10 0 0 2,500 10,000 EF 1206 1.20 ± 0.15 0 0 2,500 10,000 EH 1206 1.60 ± 0.20 0 0 2,000 8,000 FB 1210 0.78 ± 0.10 0 0 4,000 10,000 FC 1210 0.90 ± 0.10 0 0 4,000 10,000 FE 1210 1.00 ± 0.10 0 0 2,500 10,000 FF 1210 1.10 ± 0.10 0 0 2,500 10,000 FG 1210 1.25 ± 0.15 0 0 2,500 10,000 FH 1210 1.55 ± 0.15 0 0 2,000 8,000 FM 1210 1.70 ± 0.20 0 0 2,000 8,000 GB 1812 1.00 ± 0.10 0 0 1,000 4,000 GD 1812 1.25 ± 0.15 0 0 1,000 4,000 GH 1812 1.40 ± 0.15 0 0 1,000 4,000 GK 1812 1.60 ± 0.20 0 0 1,000 4,000 GN 1812 1.70 ± 0.20 0 0 1,000 4,000 JJ 2220 2.20 ± 0.15 0 0 500 2,000 Thickness Code Case Size Thickness ± Range (mm) 7" Reel 13" Reel 7" Reel 13" Reel Paper Quantity Plastic Quantity Package quantity based on finished chip thickness specifications. |
Similar Part No. - C0402H124C2GALTU |
|
Similar Description - C0402H124C2GALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |