Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF38143 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ATF38143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF38143 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ATF38143 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Low Noise Pseudomorphic HEMT
in a Surface Mount Plastic Package
Technical Data
ATF-38143
Features
• Low Noise Figure
• Excellent Uniformity in
Product Specifications
• Low Cost Surface Mount
Small Plastic Package
SOT-343 (4 lead SC-70)
• Tape-and-Reel Packaging
Option Available
Specifications
1.9 GHz; 2 V, 10 mA (Typ.)
• 0.4 dB Noise Figure
• 16 dB Associated Gain
• 12.0 dBm Output Power at
1 dB Gain Compression
• 22.0 dBm Output 3rd Order
Intercept
Applications
• Low Noise Amplifier for
Cellular/PCS Handsets
• LNA for WLAN, WLL/RLL,
LEO, and MMDS
Applications
• General Purpose Discrete
PHEMT for Other Ultra Low
Noise Applications
Surface Mount Package
SOT-343
Description
Agilent Technologies’s ATF-38143
is a high dynamic range, low
noise, PHEMT housed in a 4-lead
SC-70 (SOT-343) surface mount
plastic package.
Based on its featured perfor-
mance, ATF-38143 is suitable for
applications in cellular and PCS
handsets, LEO systems, MMDS,
and other systems requiring super
low noise figure with good
intercept in the 450 MHz to
10 GHz frequency range.
Pin Connections and
Package Marking
GATE
SOURCE
DRAIN
SOURCE
Note:
Top View. Package marking
provides orientation and identification.
“8P” = Device code
“x” = Date code character. A new
character is assigned for each month, year.
88759/05-6.PM6.5J
2001.04.26, 9:18 AM
Page 1
Adobe PageMaker 6.5J/PPC


Similar Part No. - ATF38143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
   2-18 GHz Low Noise Pseudomorphic HEMT
ATF35143 HP-ATF35143 Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF38143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-35143 HP-ATF-35143 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com