Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ90 Datasheet(PDF) 3 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # SMCJ90
Description  SMC Plastic-Encapsulate Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SMCJ90 Datasheet(HTML) 3 Page - Jiangsu High diode Semiconductor Co., Ltd

  SMCJ90 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd SMCJ90 Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
//htmlimg2.alldatasheet.net/htmldatasheet2/951129/HDSEMI/SMCJ90/657/3/SMCJ90.png


Similar Part No. - SMCJ90

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ90 TSC-SMCJ90 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Dc Components
SMCJ90 DCCOM-SMCJ90 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMCJ90 YANGJIE-SMCJ90 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ90 TSC-SMCJ90 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMCJ90 SEMITECH-SMCJ90 Datasheet
245Kb / 6P
   Low profile package
More results

Similar Description - SMCJ90

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
   SMC Plastic-Encapsulate Diodes
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
   SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1.5SMC HDSEMI-1.5SMC Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com