Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPV-DV-3.5A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPV-DV-3.5A
Description  Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPV-DV-3.5A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPV-DV-3.5A Datasheet HTML 1Page - List of Unclassifed Manufacturers HPV-DV-3.5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2157
Effective December 2015
Supersedes June 2015
BUSSMANN
SERIES
1000Vdc, 1-20A
Single-pole, non-serviceable in-line PV fuse holder and fuse
assembly
Catalog symbol:
HPV-DV-(amp)A
Description:
Eaton’s Bussmann® series of HPV single-pole,
non-serviceable photovoltaic in-line fuse
holders/assemblies are available in an IP67
dust-tight and temporary water immersion
resistant insulating boot for use in photovoltaic
wire harnesses.
Final assembly of conductors (customer
supplied), insulating boots and labeling to be
performed by customer following the directions
contained in instruction leaflet No. 3A1963.
Ratings
Volts 1000Vdc
Amps 1-20A
IR 33kA
Agency information
UL® Listed to 4248-1 and 4248-18.
File E348242,
CSA® component acceptance, Class 6225 30,
File 47235
CE, RoHS compliant, IP20 finger-safe, IP67
Conductors
75°C/90°C Cu stranded 12-10AWG PV wire
Terminals
Crimp connection for single, stranded
12-10AWG PV conductor
Boot material
UL 5VA flammability resistant rated elasto-
mer. UV resistant to UL F1 suitable for out-
door use.
Operating and storage temperature range
-40°C to +90°C
Recommended tools
Sta-Kon® terminal crimping tool, catalog
#ERG4002
Multi-Contact assembly tool, catalog
#PV-RWZ with PV-KOI+II and PV-KOIII tapered
spindles
Packing
Bulk packed in cartons, 180 fuse assemblies per
carton. Carton weight 19.3 Lbs (8.7543 kg)
Fuse assemblies poly bagged with PV fuse
element, two insulating boots (for lineside and
loadside), and one pressure sensitive label to
be applied on outside after complete assembly
to the wire harness.
Catalog numbers (amps) and fuse elements*
HPV catalog
number
10x38mm
PV fuse part
number
Amps
HPV-DV-1A
PV-1A10F-CT
1
HPV-DV-2A
PV-2A10F-CT
2
HPV-DV-2.5A
PV-2.5A10F-CT
2.5
HPV-DV-3A
PV-3A10F-CT
3
HPV-DV-3.5A
PV-3.5A10F-CT
3.5
HPV-DV-4A
PV-4A10F-CT
4
HPV-DV-5A
PV-5A10F-CT
5
HPV-DV-6A
PV-6A10F-CT
6
HPV-DV-8A
PV-8A10F-CT
8
HPV-DV-10A
PV-10A10F-CT
10
HPV-DV-12A
PV-12A10F-CT
12
HPV-DV-15A
PV-15A10F-CT
15
HPV-DV-20A
PV-20A10F-CT
20
*
For fuse specifications and derating curves see data
sheet no. 10121 at eaton.com/bussmannseries.
For assistance with design, installation
or assembly related to this product. Call
Bussmann series applications engineering
at 636-527-1270, M-F, 7:00 a.m. to 5:00 p.m.
Central Time, or email fusetech@eaton.com.


Similar Part No. - HPV-DV-3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPV-DV-3.5A COOPER-HPV-DV-3.5A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HPV-DV-3.5A EATON-HPV-DV-3.5A Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
HPV-DV-3.5A EATON-HPV-DV-3.5A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
More results

Similar Description - HPV-DV-3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPV-DV-1A COOPER-HPV-DV-1A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HPV EATON-HPV_15 Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
HPV EATON-HPV Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
HHK EATON-HHK Datasheet
135Kb / 1P
   in-line fuse holder
logo
List of Unclassifed Man...
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
   In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
   In-line fuse holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHN EATON-HHN Datasheet
202Kb / 1P
   in-line fuse holder
logo
Littelfuse
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
   IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com