Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPV-DV-3.5A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HPV-DV-3.5A
Description  Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPV-DV-3.5A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HPV-DV-3.5A Datasheet HTML 1Page - List of Unclassifed Manufacturers HPV-DV-3.5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
— 1000Vdc, 1-20A
Technical Data 2157
Effective December 2015
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Dimensions - mm:
13.1±1.0
56.9±1.0
11.1±0.7
29.0±1.0
89.5±1.0
13.1±1.0
15.2±0.7
27.6±1.0
(13.3 ref.)
(76.00 ref.)
(135 ref.)
Estimated total length
after fully assembled
Inner insulating boot
Outer insulating boot
Fuse element
Catalog number system:
Eaton and Bussmann are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use the
Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
Sta-Kon is a registered trademark of
Thomas & Betts
UL is a registered trademark of
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 2157 – BU-SB121079
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Amps
XX = 1, 2, 2.5, 3, 3.5, 4,
5, 6, 8, 10, 12, 15, 20
Voltage
DV = DC Voltage
HPV - DV - XXA
Series
HPV


Similar Part No. - HPV-DV-3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPV-DV-3.5A COOPER-HPV-DV-3.5A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HPV-DV-3.5A EATON-HPV-DV-3.5A Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
HPV-DV-3.5A EATON-HPV-DV-3.5A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
More results

Similar Description - HPV-DV-3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPV-DV-1A COOPER-HPV-DV-1A Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HPV EATON-HPV_15 Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
HPV EATON-HPV Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
HHK EATON-HHK Datasheet
135Kb / 1P
   in-line fuse holder
logo
List of Unclassifed Man...
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
   In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
   In-line fuse holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHN EATON-HHN Datasheet
202Kb / 1P
   in-line fuse holder
logo
Littelfuse
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
   IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com