Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

630NHG4B-690 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 630NHG4B-690
Description  690 Volts gG/gL NH Fuse links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

630NHG4B-690 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  630NHG4B-690 Datasheet HTML 1Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 2Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 3Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 4Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 5Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 6Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 7Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 8Page - List of Unclassifed Manufacturers 630NHG4B-690 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Technical Data 720109
Effective September 2015
Bussmann series
690 Volts gG/gL NH Fuse links
EATON www.eaton.com
Time-current curves - NH Size 000
Technical data - NH size 000
Part numbers
with metal
gripping lugs
Fuse link
size
Rated
current
(Amps)
Rated
voltage
(V a.c.)
I2t (Amps2 Seconds)
Watts loss
Net weight
per fuse
(kg)
Minimum
pre-arcing
*I
1 120kA
at 690 V a.c.
2NHG000B-690
000
2
690
3.5
8
4
0.118
4NHG000B-690
4
6
16
2
6NHG000B-690
6
14
25
2
10NHG000B-690
10
60
400
1.5
16NHG000B-690
16
240
1200
2.5
20NHG000B-690
20
500
2500
2.5
25NHG000B-690
25
920
4400
3.5
32NHG000B-690
32
1800
9600
3.5
35NHG000B-690
35
2800
15,000
4
40NHG000B-690
40
3300
15,000
4
50NHG000B-690
50
6100
26,500
5.5
63NHG000B-690
63
6500
30,500
5.5
*I
1 is the maximum breaking capacity test at rated voltage according to IEC 60269 requirements
Current in Amps (A)


Similar Part No. - 630NHG4B-690

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
630NHG4G COOPER-630NHG4G Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 630NHG4B-690

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Schurter Inc.
NH-DIN00-DIN00C500V SCHURTER-NH-DIN00-DIN00C500V Datasheet
377Kb / 3P
   Fuse NH-DIN00-DIN00C 500V (gG)
14.09.2021
logo
Cooper Bussmann, Inc.
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com