Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4201FV Datasheet(PDF) 1 Page - Rohm

Part # BD4201FV
Description  Battery Backup IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4201FV Datasheet(HTML) 1 Page - Rohm

  BD4201FV Datasheet HTML 1Page - Rohm BD4201FV Datasheet HTML 2Page - Rohm BD4201FV Datasheet HTML 3Page - Rohm BD4201FV Datasheet HTML 4Page - Rohm BD4201FV Datasheet HTML 5Page - Rohm BD4201FV Datasheet HTML 6Page - Rohm BD4201FV Datasheet HTML 7Page - Rohm BD4201FV Datasheet HTML 8Page - Rohm BD4201FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BD4201FV
Regulators
1/8
Battery Backup IC
BD4201FV
BD4201FV is a battery backup IC. Switch that detect battery voltage and switch into back up power supply and
3-channel regulator are incorporated into a single chip.
Current consumption is 15
µA (Max.). This IC is perfect for portable appliances.
Applications
Portable video, Digital camera
Features
1) Low quiescent current
Normal operation < 15.0
µA Max.
Backup mode < 2.1
µA Max.
2) 3 high accurate voltage regulators
3) Low dropout voltage, and high accurate voltage
detectors (CS, RESET)
4) Control circuit; Backup
5) Special sequence;
For shifting to the backup mode. It need to make
main battery over +Vdet1 once.
External dimensions (Unit : mm)
SSOP-B8
5
4
8
1
3.0
±0.2
0.22
±0.1
0.65
(0.52)
0.15
±0.1
0.1
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Topr
Tstg
Pd
mW
Vbat
15
V
Vin
15
15
15
V
V
V
Main power supply input Voltage
Back up power supply input Voltage
Power dissipation
Operating temperature
Storage temperature
−30 to +85
−40 to +125
C
C
CS output Voltage
Vcs
VRES
350 ∗
70mm 70mm 1.6mm Glass fiber basis subtract 3.5mW / C when over 25 C
RESRT output Voltage
Commendable operating status (Ta=25
°C)
Vin
2.0
15.0
V
Vbat
2.0
15.0
V
Iro
0
20.0
Iout
0
60.0
Ich
-
-
-
-
-
0
20.0
Parameter
Min.
Max.
Unit
Typ.
Symbol
Power supply range
Backup power supply range
Load current range1
Load current range2
Load current range3
mA
mA
mA


Similar Part No. - BD4201FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4210EKN ROHM-BD4210EKN Datasheet
382Kb / 6P
   Strobe Charge Control IC
BD4211FV ROHM-BD4211FV Datasheet
271Kb / 6P
   Strobe Charge Control IC
logo
Sumida Corporation
BD4215 SUMIDA-BD4215 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Rohm
BD4215NUV ROHM-BD4215NUV Datasheet
261Kb / 5P
   Silicon monolithic integrated circuit
BD4216NUV ROHM-BD4216NUV Datasheet
173Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD4201FV

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com