Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55P241 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # W55P241
Description  I/O device usable with many different microprocessors through SPI interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55P241 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  W55P241 Datasheet HTML 1Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 2Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 3Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 4Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 5Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 6Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 7Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 8Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
W55P241
- 5 -
4. BLOCK DIAGRAM
Figure 1 W55P241 Block Diagram
5. FUNCTIONAL DESCRIPTION
The W55P241 provides up to three bi-directional ports. Each bi-directional port has 8 pins (BP00~07,
BP10~17, or BP20~27) and each bi-directional pin can be configured as an output pin or input pin
independently. One dedicated wakeup pin forcibly releases the microcontroller from the standby mode.
When selected as an input pin, the state change on each pin can trigger interrupt request, if the
corresponding interrupt enabling bit is set. These three bi-directional ports, when programmed as an
output port, can sink at least 25-mA current in order to drive LED directly. With an embedded 256-level
output circuit, motor speed control and LED brightness are available in BP00~BP07.
5.1 SPI
SPI is a direct and simple interface that uses 4 pads (/CS, CLK, DI and DO) for data exchange
between master and slave. W55P241 operates in the slave mode and up to 2 W55P241 devices can
function simultaneously. The master identifies the slaves which are differentiated by the DIS pad.
Because W55P241 operates in mode 0 only, the CLK idle state is always
“0”, “receive data” is always
latched at the rising edge of CLK, and
“transmit data” is always changed (if at all) at the falling edge of
CLK. To control one SFR of W55P241, 16 bits of serial data must be transmitted from the master. 16
bits of serial data consist of 1 command byte and 1 data byte. Basically, 4 groups of commands are
defined and the IO port group suffices to generate all possible IO statuses. Users may use 3 other
speedup groups to minimize microcontroller load.
SPI
Control
Logic
/CS
CLK
DI
DO
PORTA
(PWM)
PORTB
PORTC
8
8
8
I/O
BP00-BP07
DIS
WAKEUP
Timing
Generator
Read
Write
Control
Buffer
8-bit
Internal
Data Bus
I/O
BP10-BP17
I/O
BP20-BP27
BP0
(PWM)
BP1
BP2


Similar Part No. - W55P241

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55P241 NUVOTON-W55P241 Datasheet
871Kb / 32P
   4 SPI pins for communication
More results

Similar Description - W55P241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com