Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W567CXXX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # W567CXXX
Description  16-CHANNEL SPEECHMELODY PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W567CXXX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button W567CXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 10Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 11Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 12Page - List of Unclassifed Manufacturers W567CXXX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W567CXXX
- 11 -
(c) Crystal
(2)
(1)
VDD/ VDDOSC
VDD_BP1/
VSS
VSSSPK
/ RESET
PWM+/DAC
BP00
|
BP07
BP10
|
BP17
Speaker0
VDDSPK
0.1uF
PWM-
(3)
0 .1uF
4.7uF
Reset
Switch
CVDD
Speaker 0
8050
VDDSPK
Rs
(5)
10ohm
BP20
|
VDD1
BP27
PWM1+/DAC
Speaker1
PWM1-
Speaker 1
8050
VDDSPK
Rs
(5)
(4)
(4)
OSCIN
OSCOUT
X32I
Cp 1
Cp 2
Cp3
Cp4
X32O
Notes:
1.
The block (1): Please refer to (a) and (b) circuits for two-battery or three-battery application.
2.
The block (2): The low-pass filter circuit is necessary for VDD stability, in order to avoid VDDSPK noise.
3.
The block (3): The capacitor, 4.7uF, shunted between VDD and GND is necessary for power stability. However the
value of capacitor depends on the power loading of the application
4.
The block (4): Cp1 and Cp2 (15~30pF) are optional for main Crystal, which can be skipped normally.
5.
The block (5): The Rs value is suggested of 270
 ~ 1K to limit large DAC output current flowing into transistor.
6.
Cp3 and Cp4 (15~30pF) are optional for 32KHz Crystal, which can be skipped normally.
7.
Please connect all VDD pins include VDDOSC/VDD_BP1 to VDD. If with SIM application, the VDD_BP1 pin can
connect to different voltage for SPI flash or W551Cxx and the BP10~BP17 also use the same power VDD_BP1.
8.
The above application circuit is for reference only. No warranty for mass production.
9.
Other application circuits please refer to Design Guide.


Similar Part No. - W567CXXX

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567CXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567SXXX ETC2-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com