Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF587 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF587
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF587 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF587 Datasheet HTML 1Page - NXP Semiconductors BF587 Datasheet HTML 2Page - NXP Semiconductors BF587 Datasheet HTML 3Page - NXP Semiconductors BF587 Datasheet HTML 4Page - NXP Semiconductors BF587 Datasheet HTML 5Page - NXP Semiconductors BF587 Datasheet HTML 6Page - NXP Semiconductors BF587 Datasheet HTML 7Page - NXP Semiconductors BF587 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Dec 09
2
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF583; BF585; BF587
FEATURES
• Low feedback capacitance.
APPLICATIONS
• For use in video output stages of black and white and
colour television receivers.
DESCRIPTION
NPN transistors in a TO-202 plastic package.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1
Simplified outline (TO-202) and symbol.
handbook, halfpage
12
3
MBH793
2
3
1
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF583
300
V
BF585
350
V
BF587
400
V
VCEO
collector-emitter voltage
open base
BF583
250
V
BF585
300
V
BF587
350
V
ICM
peak collector current
100
mA
Ptot
total power dissipation
in free air; Tamb ≤ 25 °C
1.6
W
hFE
DC current gain
IC = 25 mA; VCE =20V
50
Cre
feedback capacitance
IC =ic = 0; VCE = 30 V; f = 1 MHz
1.8
pF
fT
transition frequency
IC = 10 mA; VCE = 10 V
70
110
MHz


Similar Part No. - BF587

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF587 PHILIPS-BF587 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
More results

Similar Description - BF587

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com