Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX25XX Datasheet(PDF) 3 Page - Littelfuse

Part # QXX25XX
Description  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25XX Datasheet(HTML) 3 Page - Littelfuse

  QXX25XX Datasheet HTML 1Page - Littelfuse QXX25XX Datasheet HTML 2Page - Littelfuse QXX25XX Datasheet HTML 3Page - Littelfuse QXX25XX Datasheet HTML 4Page - Littelfuse QXX25XX Datasheet HTML 5Page - Littelfuse QXX25XX Datasheet HTML 6Page - Littelfuse QXX25XX Datasheet HTML 7Page - Littelfuse QXX25XX Datasheet HTML 8Page - Littelfuse QXX25XX Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx25R5
Qxx25N5
Qxx25P5
I
GT
V
D = 12V; RL = 60 Ω
I – II – III
MAX.
50
mA
IV
TYP.
120
V
GT
V
D = 12V; RL = 60 Ω
I – II – III
MAX.
1.3
V
IV
TYP.
2.5
V
GD
V
D = VDRM; RL = 3.3 kΩ ; TJ = 125°C
ALL
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
100
50
mA
dv/dt
V
D = VDRM; Gate Open; TJ = 125°C
400V
MIN.
275
V/μs
600V
225
475
800V
200
400
V
D = VDRM; Gate Open; TJ = 100°C
1000V
200
(dv/dt)c
(di/dt)c = 13.3 A/ms; T
J = 125°C
MIN.
5
V/μs
t
gt
I
G = 2 x IGT; PW = 15µs; IT = 35.4 A
TYP.
4
3
μs
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx25RH5
Qxx25LH5
Qxx25NH5
Qxx25R6
Qxx25L6
Qxx25NH6
Qxx25K6
Qxx25J6
I
GT
V
D = 12V; RL = 60 Ω
I – II – III
MAX.
50
80
mA
V
GT
V
D = 12V; RL = 60 Ω
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM; RL = 3.3 kΩ ; TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
50
100
mA
dv/dt
V
D = VDRM; Gate Open; TJ = 125°C
400V
MIN.
575
600
V/μs
600V
500
600
800V
400
475
V
D = VDRM; Gate Open; TJ = 100°C
1000V
400
(dv/dt)c
(di/dt)c = 13.3 A/ms; T
J = 125°C
MIN.
20
30
V/μs
t
gt
I
G = 2 x IGT; PW = 15µs; IT = 35.4 A
TYP.
3
5
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac
Symbol
Test Conditions
Value
Unit
Qxx25R5
Qxx25N5
Qxx25xH5
Qxx25x6
Qxx25NH6
Qxx25P5
V
TM
I
T = 35.4A; tp = 380 μs
MAX.
1.8
1.4
V
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
600 – 800V
MAX.
10
100
μA
1000V
20
T
J = 100°C
600 – 800V
500
1000V
1000
T
J = 125°C
600 – 800V
2000
5000
Note: xx = voltage, x = package
Static Characteristics


Similar Part No. - QXX25XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

Similar Description - QXX25XX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com