Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Qxx25P5 Datasheet(PDF) 11 Page - Littelfuse

Part # Qxx25P5
Description  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25P5 Datasheet(HTML) 11 Page - Littelfuse

Back Button Qxx25P5 Datasheet HTML 3Page - Littelfuse Qxx25P5 Datasheet HTML 4Page - Littelfuse Qxx25P5 Datasheet HTML 5Page - Littelfuse Qxx25P5 Datasheet HTML 6Page - Littelfuse Qxx25P5 Datasheet HTML 7Page - Littelfuse Qxx25P5 Datasheet HTML 8Page - Littelfuse Qxx25P5 Datasheet HTML 9Page - Littelfuse Qxx25P5 Datasheet HTML 10Page - Littelfuse Qxx25P5 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Gate
MT1 / Cathode
MT2 / Anode
0.512 (13.0) Arbor
Hole Dia.
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
*Cover tape
0.059 DIA
(1.5)
TO-263 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
Q 60 25 N H6
DEVICE TYPE
Q: Triac or Alternistor
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
25: 25A
PACKAGE TYPE
L : TO-220AB Isolated
R : TO-220AB Non-Isolated
N : TO-263 (D2 -Pak)
K : TO-218AC Isolated
J : TO-218X Isolated
P : Fastpak
SENSITIVITY
Standard Triac
5: 50mA
Alternistor
H5: 50mA
6: 80mA
H6: 80mA
TO-218AC - (K Package)
TO-218X - (J Package)
Fastpak - (P Package)
Q6025K6
YMLXX
YMXXX
Q6025P5
®
®
®
M
Y
Q6025R5
TO-220 AB - (L and R Package)
TO-263 AB - (N Package)
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
XX: Lot Serial Code


Similar Part No. - Qxx25P5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - Qxx25P5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com