Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-48V150W1BX Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # PMC-48V150W1BX
Description  PMC Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-48V150W1BX Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button PMC-48V150W1BX Datasheet HTML 2Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 3Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 4Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 5Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 6Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 7Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 8Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 9Page - Delta Electronics, Inc. PMC-48V150W1BX Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
48V 150W 1 Phase / PMC-48V150W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
6
Engineering Data
De-rating
Output De-rating VS. Input Voltage
Note
1.
Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.
2.
If the output capacity is not reduced when
surrounding air temperature >50C, the device
will run into Over Temperature Protection.
When activated, the output voltage will go
into bouncing mode and will recover when
the surrounding air temperature is lowered or
the load is reduced as far as necessary to
keep the device in working condition.
3.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance of 20mm with adjacent units
while the device is in operation.
4.
Depending
on
the
surrounding
air
temperature and output load delivered by the
power supply, the device can be very hot!
5.
If the device has to be mounted in any other
orientation, please do not hesitate to contact
info@deltapsu.com for more details.
Fig. 1
De-rating for Vertical and Horizontal Mounting Orientation
> 50°C de-rate power by 2.5% / °C
No output power de-rating across the entire
input voltage range


Similar Part No. - PMC-48V150W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-48V150W1BA DELTA-PMC-48V150W1BA Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-48V150W1BH DELTA-PMC-48V150W1BH Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-48V150W1BJ DELTA-PMC-48V150W1BJ Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-48V150W1BL DELTA-PMC-48V150W1BL Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-48V150W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com