Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR9080ARFV-W Datasheet(PDF) 1 Page - Rohm

Part # BR9080ARFV-W
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9080ARFV-W Datasheet(HTML) 1 Page - Rohm

  BR9080ARFV-W Datasheet HTML 1Page - Rohm BR9080ARFV-W Datasheet HTML 2Page - Rohm BR9080ARFV-W Datasheet HTML 3Page - Rohm BR9080ARFV-W Datasheet HTML 4Page - Rohm BR9080ARFV-W Datasheet HTML 5Page - Rohm BR9080ARFV-W Datasheet HTML 6Page - Rohm BR9080ARFV-W Datasheet HTML 7Page - Rohm BR9080ARFV-W Datasheet HTML 8Page - Rohm BR9080ARFV-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
Memory ICs
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
1/12
8k, 16k bit EEPROMs for direct
connection to serial ports
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
The BR9080A and BR9016A series are serial EEPROMs that can be connected directly to a serial port and can be
erased and written electrically. Writing and reading is performed in word units, using four types of operation commands.
Communication occurs though CS, SK, DI, and DO pins, WC pin control is used to initiate a write disabled state, enabling
these EEPROMs to be used as one-time ROMs. During writing, operation is checked via the internal status check.
!
Applications
Movie, camera, cordless telephones, car stereos, VCRs, TVs, DIP switches, and other battery-powered equipment
requiring low voltage and low current
!
Features
1) BR9080AF-W / ARFV-W / ARFVM-W (8k bit) : 512 words
×16 bits
BR9016AF-W / ARFV-W / ARFVM-W (16k bit) : 1024 words
× 16bits
2) Single power supply operation
3) Serial data input and output
4) Automatic erase-before-write
5) Low current consumption
Active (5V) : 5mA (max.)
Standby (5V) : 3
µA (max.)
6) Noise filter built into SK pin
7) Write protection when VCC is low
Inhibition on inadvertant write with the WC pin.
8) SOP8 / SSOP-B8 / MSOP8
9) High reliability CMOS process
10) 100,000 ERASE / WRITE cycles
11) 10 years Data Retention


Similar Part No. - BR9080ARFV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080F ROHM-BR9080F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080RFV ROHM-BR9080RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9080ARFV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com