Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR9080ARFVM Datasheet(PDF) 5 Page - Rohm

Part # BR9080ARFVM
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9080ARFVM Datasheet(HTML) 5 Page - Rohm

  BR9080ARFVM Datasheet HTML 1Page - Rohm BR9080ARFVM Datasheet HTML 2Page - Rohm BR9080ARFVM Datasheet HTML 3Page - Rohm BR9080ARFVM Datasheet HTML 4Page - Rohm BR9080ARFVM Datasheet HTML 5Page - Rohm BR9080ARFVM Datasheet HTML 6Page - Rohm BR9080ARFVM Datasheet HTML 7Page - Rohm BR9080ARFVM Datasheet HTML 8Page - Rohm BR9080ARFVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
Memory ICs
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
5/12
!
!
!
!
Operating timing characteristics
BR9080AF-W / ARFV-W / ARFVM-W, BR9016AF-W / ARFV-W / ARFVM-W
(Unless otherwise noted, Ta=
−40∼85°C, VCC=2.7V∼5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
fCSS
100
−−
ns
tCSH
100
−−
ns
tWCH
100
−−
ns
tDIS
100
−−
ns
tDIH
−−
150
ns
tPD1
−−
150
ns
tPD0
−−
10
ms
tE / W
250
−−
ns
tCS
−−
150
ns
tSV
0
150
ns
tOH
230
−−
ns
tWH
230
−−
ns
tWL
0
−−
ns
0
−−
ns
tWCS
CS setup time
Time when DO goes HIGH-Z (via CS)
Data clock high level time
Write control hold time
Data setup time
Data hold time
DO rise delay time
DO fall delay time
Self-timing programming cycle
CS minimum high level time
READY / BUSY display valid time
CS hold time
Data clock low level time
Write control setup time
!
!
!
!
Timing chart
Synchronous Data Input Output Timing
CS
SK
DI
DO
WC
tDIS
tDIH
tCSS
tPD
tOH
tCSH
tCS
tPD
tWL
tWH
· Input data are clocked in to DI at the rising edge of the clock (SK).
· Output data will toggle on the falling edge of the SK clock.
· The WC pin does not have any effect on the READ, EWEN and EWDS operations.
Fig.2


Similar Part No. - BR9080ARFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080F ROHM-BR9080F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080RFV ROHM-BR9080RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9080ARFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com