Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR9016AF Datasheet(PDF) 6 Page - Rohm

Part # BR9016AF
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9016AF Datasheet(HTML) 6 Page - Rohm

Back Button BR9016AF Datasheet HTML 2Page - Rohm BR9016AF Datasheet HTML 3Page - Rohm BR9016AF Datasheet HTML 4Page - Rohm BR9016AF Datasheet HTML 5Page - Rohm BR9016AF Datasheet HTML 6Page - Rohm BR9016AF Datasheet HTML 7Page - Rohm BR9016AF Datasheet HTML 8Page - Rohm BR9016AF Datasheet HTML 9Page - Rohm BR9016AF Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
Memory ICs
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
6/12
!
!
!
!
Circuit operation
(1) Command mode
BR9080A
1010
100 A0
A1 A2 A3 A4 A5 A6 A7 A8
A1 A2 A3 A4 A5 A6 A7 A8
1010
010 A0
1010
0011
∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗
∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗
D0 D1
− D14 D15
1010
0000
Read (READ)
Write (WRITE)
Write enable (WEN)
Write disable (WDS)
∗ : Means either VIH or VIL
Address and data are transferred from LSB.
Instruction
Start Bit
Op Code
Address
Data
BR9016A
1010
10 A0 A1
A2 A3 A4 A5 A6 A7 A8 A9
A2 A3 A4 A5 A6 A7 A8 A9
1010
01 A0 A1
1010
0011
∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗
∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗
D0 D1
− D14 D15
1010
0000
Read (READ)
Write (WRITE)
Write enable (WEN)
Write disable (WDS)
∗ : Means either VIH or VIL
Address and data are transferred from LSB.
Instruction
Start Bit
Op Code
Address
Data
(2) Writing enabled / disabled
High or LOW
Fig.3
1
1
HIGH-Z
H
SK
CS
DI
DO
R / B
WC
L
H
L
H
L
H
01
000
48
ENABLE
= 11
DISABLE
= 00
12
16
1) When CS is “HIGH” during power up, BR9080AF-W / ARFV-W / ARFVM-W, BR9016AF-W / ARFV-W / ARFVM-W
comes up in the write disabled (WDS) state. In order to be programmable, it must receive a write enable (WEN)
instruction.
The device remains programmable until a disable (WDS) instruction is entered, or until it is powered down.
2) It is unnecessary to add the clock after 16th clock.


Similar Part No. - BR9016AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9016 ROHM-BR9016 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016F ROHM-BR9016F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016RFV ROHM-BR9016RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9016AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com