Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C3V6 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX79C3V6
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX79C3V6 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX79C3V6 Datasheet HTML 1Page - Fairchild Semiconductor BZX79C3V6 Datasheet HTML 2Page - Fairchild Semiconductor BZX79C3V6 Datasheet HTML 3Page - Fairchild Semiconductor BZX79C3V6 Datasheet HTML 4Page - Fairchild Semiconductor BZX79C3V6 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BZX79C2V4 - BZX79C180, Rev. B1
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
Zener Voltage (Note 1)
ZZ @ IZ (Ω)
Leakage Current
TC (mV / °C)
C (pF)
Min.
Max.
IZ (mA)
Max.
IR (µA)
VR (V)
Min.
Max.
VZ = 0, f = 1MHz
BZX79C43
BZX79C47
BZX79C51
BZX79C56
BZX79C62
40
44
48
52
58
46
50
54
60
66
2
2
2
2
2
150
170
180
200
215
0.05
0.05
0.5
0.05
0.05
30.1
32.9
35.7
39.2
43.4
-
-
-
-
-
37
40
44
47
51
21
19
19
18
17
BZX79C68
BZX79C75
BZX79C82
BZX79C91
BZX79C100
64
70
77
85
94
72
79
87
96
106
2
2
2
2
1
240
255
280
300
500
0.05
0.05
0.1
0.1
0.1
47.6
52.5
62
69
76
-
-
46
51
57
56
60
95
107
119
17
16.5
29
28
27
BZX79C110
BZX79C120
BZX79C130
BZX79C150
BZX79C160
104
114
124
138
153
116
127
141
156
171
1
1
1
1
1
650
800
950
1250
1400
0.1
0.1
0.1
0.1
0.1
84
91
99
115
122
63
69
75
87
93
131
144
158
185
200
26
24
23
21
20
BZX79C180
168
191
1
1700
0.1
137
105
228
18
VF Forward Voltage = 1.5V Max @ IF = 100mA


Similar Part No. - BZX79C3V6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C3V6 FAIRCHILD-BZX79C3V6 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C3V6 CDIL-BZX79C3V6 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C3V6 EIC-BZX79C3V6 Datasheet
36Kb / 2P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX79C3V6 NJSEMI-BZX79C3V6 Datasheet
132Kb / 2P
   ZENER DIODES
logo
First Components Intern...
BZX79C3V6 FCI-BZX79C3V6 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C3V6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com