Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495T107M2R5AHE0457280 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T495T107M2R5AHE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495T107M2R5AHE0457280 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T495T107M2R5AHE0457280 Datasheet HTML 2Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 3Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 4Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 5Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 6Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 7Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 8Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 9Page - Kemet Corporation T495T107M2R5AHE0457280 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017
66
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85°C
µF
KEMET/EIA
(See below for
part options)
µA +20°C
Max/5 Min
% at +20°C
120 Hz Max
mΩ at 20°C
100 kHz
Max
mA at +25°C
100 kHz
mA at
+85°C 100
kHz
mA at
+125°C 100
kHz
°C
Reflow
Temp
≤ 260°C
6.3
6.8
A/3216-18
T495A685(1)006ATE1K8
0.5
6.0
1800
204
184
82
125
1
6.3
6.8
A/3216-18
T495A685(1)006ATE2K0
0.5
6.0
2000
194
175
78
125
1
6.3
6.8
A/3216-18
T495A685(1)006A(2)E4K5
0.5
6.0
4500
129
116
52
125
1
6.3
6.8
C/6032-28
T495C685(1)006A(2)E480
0.5
6.0
480
479
431
192
125
1
6.3
10
A/3216-18
T495A106(1)006A(2)E800
0.6
6.0
800
306
275
122
125
1
6.3
10
A/3216-18
T495A106(1)006A(2)E1K0
0.6
6.0
1000
274
247
110
125
1
6.3
10
A/3216-18
T495A106(1)006A(2)E1K5
0.6
6.0
1500
224
202
90
125
1
6.3
10
A/3216-18
T495A106(1)006A(2)E2K0
0.6
6.0
2000
194
175
78
125
1
6.3
10
B/3528-21
T495B106(1)006A(2)E1K0
0.6
6.0
1000
292
263
117
125
1
6.3
10
T/3528-12
T495T106(1)006A(2)E1K2
0.6
6.0
1200
242
218
97
125
1
6.3
15
A/3216-18
T495A156(1)006A(2)E2K0
0.9
6.0
2000
194
175
78
125
1
6.3
15
T/3528-12
T495T156(1)006A(2)E1K0
0.9
6.0
1000
265
239
106
125
1
6.3
22
A/3216-18
T495A226(1)006A(2)E500
1.4
6.0
500
387
348
155
125
1
6.3
22
A/3216-18
T495A226(1)006A(2)E900
1.4
8.0
900
289
260
116
125
1
6.3
22
A/3216-18
T495A226(1)006A(2)E1K5
1.4
8.0
1500
224
202
90
125
1
6.3
22
B/3528-21
T495B226(1)006A(2)E500
1.4
6.0
500
412
371
165
125
1
6.3
22
C/6032-28
T495C226(1)006A(2)E380
1.4
6.0
380
538
484
215
125
1
6.3
33
A/3216-18
T495A336(1)006A(2)E600
2.1
12.0
600
354
319
142
125
1
6.3
33
B/3528-21
T495B336(1)006A(2)E600
2.1
6.0
600
376
338
150
125
1
6.3
33
T/3528-12
T495T336(1)006A(2)E800
2.1
6.0
800
296
266
118
125
1
6.3
33
C/6032-28
T495C336(1)006A(2)E350
2.1
6.0
350
561
505
224
125
1
6.3
47
B/3528-21
T495B476(1)006A(2)E250
3.0
6.0
250
583
525
233
125
1
6.3
47
B/3528-21
T495B476(1)006A(2)E500
3.0
6.0
500
583
525
233
125
1
6.3
47
B/3528-21
T495B476(1)006A(2)E450
3.0
6.0
450
435
392
174
125
1
6.3
47
B/3528-21
T495B476(1)006A(2)E400
3.0
6.0
400
461
415
184
125
1
6.3
47
C/6032-28
T495C476(1)006A(2)E250
3.0
6.0
250
663
597
265
125
1
6.3
47
C/6032-28
T495C476(1)006A(2)E300
3.0
6.0
300
606
545
242
125
1
6.3
47
C/6032-28
T495C476(1)006A(2)E330
3.0
6.0
330
577
519
231
125
1
6.3
47
V/7343-20
T495V476(1)006A(2)E150
3.0
6.0
150
913
822
365
125
1
6.3
68
B/3528-21
T495B686(1)006A(2)E500
4.3
8.0
500
412
371
165
125
1
6.3
68
C/6032-28
T495C686(1)006A(2)E400
4.3
6.0
400
524
472
210
125
1
6.3
68
U/6032-15
T495U686(1)006A(2)E400
4.3
6.0
400
474
427
190
125
1
6.3
68
D/7343-31
T495D686(1)006A(2)E175
4.3
4.0
175
926
833
370
125
1
6.3
68
D/7343-31
T495D686(1)006A(2)E180
4.3
4.0
180
913
822
365
125
1
6.3
100
B/3528-21
T495B107(1)006A(2)E400
6.3
15.0
400
461
415
184
125
1
6.3
100
B/3528-21
T495B107(M)006A(2)E700
6.3
15.0
700
348
313
139
125
1
6.3
100
M/3528-15
T495M107(1)006A(2)E500
6.3
20.0
500
490
441
196
125
1
6.3
100
M/3528-15
T495M107(1)006A(2)E1K0
6.3
20.0
1000
346
311
138
125
1
6.3
100
C/6032-28
T495C107(1)006A(2)E075
6.3
8.0
75
1211
1090
484
125
1
6.3
100
C/6032-28
T495C107(1)006A(2)E150
6.3
8.0
150
856
770
342
125
1
6.3
100
D/7343-31
T495D107(1)006A(2)E050
6.3
6.0
50
1732
1559
693
125
1
6.3
100
D/7343-31
T495D107(1)006A(2)E130
6.3
6.0
130
1074
967
430
125
1
6.3
100
D/7343-31
T495D107(1)006A(2)E150
6.3
8.0
150
1000
900
400
125
1
6.3
100
D/7343-31
T495D107(1)006A(2)E800
6.3
6.0
800
433
390
173
125
1
6.3
100
V/7343-20
T495V107(1)006A(2)E090
6.3
8.0
90
1179
1061
472
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA +20ºC
Max/5 Min
% at +20ºC
120 Hz Max
mΩ at 20ºC
100 kHz
Max
mA at +25ºC
100 kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T495T107M2R5AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495T107M2R5AHE045 KEMET-T495T107M2R5AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495T107M2R5AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com