Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY211 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CMY211
Description  GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CMY211 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CMY211 Datasheet HTML 1Page - Infineon Technologies AG CMY211 Datasheet HTML 2Page - Infineon Technologies AG CMY211 Datasheet HTML 3Page - Infineon Technologies AG CMY211 Datasheet HTML 4Page - Infineon Technologies AG CMY211 Datasheet HTML 5Page - Infineon Technologies AG CMY211 Datasheet HTML 6Page - Infineon Technologies AG CMY211 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs Components
CMY 211
Data Sheet
2
2001-01-01
Thermal Resistance
Parameter
Symbol
Value
Unit
Channel to Soldering Point (GND)
R
thChS
≤ 100
K/W
Electrical Characteristics
T
A = 25 °C; VDD = 3 V, see test circuit; fRF = 808 MHz; fLO = 965 MHz; PLO = 0 dBm;
f
IF = 157 MHz, unless otherwise specified
Parameters
Symbol
Limit Values
Unit
Test
Conditions
min.
typ.
max.
Operating Current
I
OP
2.5
4.0
mA
Conversion Loss
L
C
6.0
7.5
dB
SSB Noise Figure
F
SSB
6.0
dB
2 Tone 3
rd Order
IMD
d
IM3
41
dBc
P
RF1 = – 3 dBm
P
RF2 = – 3 dBm
f
RF1 = 806 MHz;
f
RF2 = 810 MHz;
f
LO = 965 MHz
3
rd Order Input
Intercept Point
IP3
IN
16
17.5
dBm
LO Leakage at
RF/IF-Port (1, 6)
P
LO 1, 6
–– 13
dBm


Similar Part No. - CMY211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CMY210 INFINEON-CMY210 Datasheet
156Kb / 10P
   GaAs Components
2001-01-01
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
More results

Similar Description - CMY211

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
FMM106HG EUDYNA-FMM106HG Datasheet
198Kb / 3P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com