Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP472N-3 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP472N-3
Description  COP472-3 Liquid Crystal Display Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP472N-3 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP472N-3 Datasheet HTML 1Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 2Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 3Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 4Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 5Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 6Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 7Page - National Semiconductor (TI) COP472N-3 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Functional Description
The COP472-3 drives 36 bits of display information orga-
nized as twelve segments and three backplanes
The
COP472-3 requires 40 information bits 36 data and 4 con-
trol The function of each control bit is described below
Display information format is a function of the LCD intercon-
nections A typical segmentbackplane configuration is illus-
trated in
Figure 5 with this configuration the COP472-3 will
drive 4 digits of 9 segments
To adapt the COP472-3 to any LCD display configuration
the segmentbackplane multiplex scheme is illustrated in
Table I
Two or more COP472-3 chips can be cascaded to drive
additional segments There is no limit to the number of
COP472-3’s that can be used as long as the output loading
capacitance does not exceed specification
TABLE I COP472-3 SegmentBackplane
Multiplex Scheme
Bit Number
Segment
Data to
Backplane
Numeric Display
1
SA1 BPC
SH
2
SB1 BPB
SG
3
SC1 BPA
SF
4
SC1 BPB
SE
Digit 1
5
SB1 BPC
SD
6
SA1 BPB
SC
7
SA1 BPA
SB
8
SB1 BPA
SA
9
SA2 BPC
SH
10
SB2 BPB
SG
11
SC2 BPA
SF
12
SC2 BPB
SE
Digit 2
13
SB2 BPC
SD
14
SA2 BPB
SC
15
SA2 BPA
SB
16
SB2 BPA
SA
17
SA3 BPC
SH
18
SB3 BPB
SG
19
SC3 BPA
SF
20
SC3 BPB
SE
Digit 3
21
SB3 BPC
SD
22
SA3 BPB
SC
23
SA3 BPA
SB
24
SB3 BPA
SA
25
SA4 BPC
SH
26
SB4 BPB
SG
27
SC4 BPA
SF
28
SC4 BPB
SE
Digit 4
29
SB4 BPC
SD
30
SA4 BPB
SC
31
SA4 BPA
SB
32
SB4 BPA
SA
33
SC1 BPC
SPA
Digit 1
34
SC2 BPC
SP2
Digit 2
35
SC3 BPC
SP3
Digit 3
36
SC4 BPC
SP4
Digit 4
37
not used
38
Q6
39
Q7
40
SYNC
SEGMENT DATA BITS
Data is loaded in serially in sets of eight bits Each set of
segment data is in the following format
SA
SB
SC
SD
SE
SF
SG
SH
Data is shifted into an eight bit shift register The first bit of
the data is for segment H digit 1 The eighth bit is segment
A digit 1 A set of eight bits is shifted in and then loaded into
the digit one latches The second set of 8 bits is loaded into
digit two latches The third set into digit three latches and
the fourth set is loaded into digit four latches
CONTROL BITS
The fifth set of 8 data bits contains special segment data
and control data in the following format
SYNC
Q7
Q6
X
SP4
SP3
SP2
SP1
The first four bits shifted in contain the special character
segment data The fifth bit is not used The sixth and sev-
enth bits program the COP472-3 as a stand alone LCD driv-
er or as a master or slave for cascading COP472-3’s BPC
of the master is connected to BPA of each slave The fol-
lowing table summarizes the function of bits six and seven
Q7
Q6
Function
BPC Output
BPA Output
1
1
Slave
Backplane
Oscillator
Output
Input
0
1
Stand Alone
Backplane
Backplane
Output
Output
1
0
Not Used
Internal
Oscillator
Osc Output
Input
0
0
Master
Internal
Backplane
Osc Output
Output
The eighth bit is used to synchronize two COP472-3’s to
drive an 8
-digit display
http
www nationalcom
5


Similar Part No. - COP472N-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP472N-3/NOPB TI-COP472N-3/NOPB Datasheet
144Kb / 10P
[Old version datasheet]   COP472-3 Liquid Crystal Display Controller
More results

Similar Description - COP472N-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TLDD6932COP472 NSC-TLDD6932COP472 Datasheet
146Kb / 8P
   COP472-3 Liquid Crystal Display Controller
logo
Texas Instruments
COP472WM-3 TI-COP472WM-3 Datasheet
144Kb / 10P
[Old version datasheet]   COP472-3 Liquid Crystal Display Controller
logo
KODENSHI_AUK CORP.
KK472 KODENSHI-KK472 Datasheet
207Kb / 4P
   Liquid Crystal Display Controller
logo
Integral Corp.
IN472-3 INTEGRAL-IN472-3 Datasheet
129Kb / 3P
   Liquid Crystal Display Controller
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
logo
Motorola, Inc
MC34270 MOTOROLA-MC34270 Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com