Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL080-8.5-40 Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # PL080-8.5-40
Description  Single-Stage Thermoelectric Cooler RoHS EU Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

PL080-8.5-40 Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  PL080-8.5-40 Datasheet HTML 1Page - II-VI Marlow, Inc. PL080-8.5-40 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries, inc.
Subsidiary of II-VI INCORPORATED
TECHNICAL DATA SHEET
DOC # 102-0378 REV B - PAGE 1 OF 2
PL080-8.5-40
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature of 130oC.
Superior nickel diffusion barriers on elements.
High strength for rugged environment.
RTV sealing option available.
Lapped option available for multiple module applications
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
66
74
Qmax (watts):
78
86
Imax (amps):
8.5
8.5
Vmax (vdc):
14.7
16.2
AC Resistance (ohms):
1.45
Model Number
PL080-8.5-40-01
Leadwires
PL080-8.5-40-01L
Leadwires, Lapped.
PL080-8.5-40-01LS
Leadwires, Lapped, Sealed.
PL080-8.5-40-02
Leadwires
PL080-8.5-40-02L
Leadwires, Lapped.
PL080-8.5-40-02LS
Leadwires, Lapped, Sealed.
PL080-8.5-40-03LS
Leadwires, Lapped, Sealed.


Similar Part No. - PL080-8.5-40

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL080-8.5-40 VIMARLOW-PL080-8.5-40 Datasheet
444Kb / 2P
   Single?륲tage Thermoelectric Module
PL080-8.5-40 VIMARLOW-PL080-8.5-40_18 Datasheet
444Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL080-8.5-40

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL054-6-40 VIMARLOW-PL054-6-40 Datasheet
156Kb / 2P
   Single-Stage Thermoelectric Cooler RoHS EU Compliant
PL036-4-30 VIMARLOW-PL036-4-30 Datasheet
123Kb / 2P
   Single-Stage Thermoelectric Cooler RoHS EU Compliant
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com