Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG12-8 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # TG12-8
Description  Thermoelectric Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

TG12-8 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  TG12-8 Datasheet HTML 1Page - II-VI Marlow, Inc. TG12-8 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DOC # 102-0344 REV N - PAGE 2 OF 2
ENVIRONMENT: 10^-5 TORR VACUUM
Hot Side Temperature (°C)
230
170
110
Cold Side Temperature (°C)
50
50
50
Optimum Efficiency, η (%)
4.97
4.08
2.39
Optimum Power (W)
7.95
4.17
1.19
Optimum Voltage (V)
5.25
3.65
1.86
Load Resistance for Opt η (Ω)
3.46
3.20
2.90
Open Circuit Voltage, VOC (V)
9.43
6.48
3.27
Closed Circuit Current (A)
3.38
2.60
1.48
Thermal Resistance (°C/W)
1.13
1.17
1.20
Performance information is given in a nitrogen environment and cold side temperatures of 50°C and 100°C. TG device
temperature does not include thermal resistance of heat sinks, Thermal Interface Materials (TIM) such as graphite pads or
thermal greases, and clamping techniques. Hot side and cold side temperatures represent the temperatures of the hot and cold
ceramics on the module. For performance information in vacuum, other cold side temperatures, or specific heat sinks and TIM
materials, consult our applications engineers.
Installation
Recommended mounting methods: Clamp with uniform pressure to a flat surface with thermal interface material. Recommended
1.4 MPa (200 psi) with thermal grease or flexible graphite pads. For additional information, please contact an applications
engineer.
Operation Cautions
For maximum reliability, continuous operation below200°C (cold side and hot side) is recommended. Intermittent operation up to
230°C on the hot side of the TG is permissible.
CONTACT US:
For customer support or general questions please contact a local office below or visit our website at www.marlow.com.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
877-627-5691 (tech support)
www.marlow.com
Marlow Industries Europe GmbH
Brunnenweg 19-21
64331 Weiterstadt
Germany
Tel.: +49 (0) 6150 5439 - 403
Fax: +49 (0) 6150 5439 - 400
info@marlow-europe.eu
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
A subsidiary of II-VI Incorporated
Rm 202, 1# Lize 2nd Middle Road
Wangjing, Chaoyang District
Beijing 100102 China
010-64398226 ext 105 (tel)
010-64399315 (fax)
info@iivibj.com
Cold Side Temperature 50°C
Cold Side Temperature 100°C


Similar Part No. - TG12-8

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
TG12-8 VIMARLOW-TG12-8 Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-8-01 VIMARLOW-TG12-8-01 Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-8-01G VIMARLOW-TG12-8-01G Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-8-01L VIMARLOW-TG12-8-01L Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-8-01LG VIMARLOW-TG12-8-01LG Datasheet
634Kb / 3P
   Thermoelectric Generator
More results

Similar Description - TG12-8

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
TG12-4 VIMARLOW-TG12-4 Datasheet
212Kb / 2P
   Thermoelectric Generator
TG12-2.5 VIMARLOW-TG12-2.5 Datasheet
191Kb / 2P
   Thermoelectric Generator
TG12-8 VIMARLOW-TG12-8_17 Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-6 VIMARLOW-TG12-6_17 Datasheet
544Kb / 3P
   Thermoelectric Generator
TG12-6 VIMARLOW-TG12-6 Datasheet
209Kb / 2P
   Thermoelectric Generator
logo
List of Unclassifed Man...
TGG-150W ETC2-TGG-150W Datasheet
771Kb / 1P
   Thermoelectric Gas Generator
logo
RMT Ltd.
3MC04-112-05 RMT-3MC04-112-05 Datasheet
251Kb / 4P
   Thermoelectric Module
3MDC04-071-05 RMT-3MDC04-071-05 Datasheet
643Kb / 4P
   Thermoelectric Module
1MC04-007-05 RMT-1MC04-007-05 Datasheet
243Kb / 4P
   Thermoelectric Module
1MC04-012-05 RMT-1MC04-012-05 Datasheet
318Kb / 4P
   Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com