Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463I333000N0M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463I333000N0M
Description  Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463I333000N0M Datasheet(HTML) 1 Page - Kemet Corporation

  R463I333000N0M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 450934fa-5c0e-4404-8b2d-d1a14972c81a
KEMET Part Number: R463I333000N0M
Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
Dimensions
L
18mm +0.5mm
H
14.5mm +0.1mm
T
8.5mm +0.2mm
S
15mm +/-0.4mm
LL
4mm +2mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1000
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: R46
Features: Pulse
RoHS: Yes
Lead: Cut
Approvals: ENEC, UL, cUL, CQC
Specifications
Capacitance: 0.33 uF
Capacitance Tolerance: 20%
Voltage DC: 630 VDC
Voltage AC: 310 VAC
Temperature Range: -40/+110C
Rated Temperature: 110C
Dissipation Factor: 0.1% 1kHz
Insulation Resistance: 100 GOhms
Max dVdt: 400 V
Safety Class: X2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R463I333000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463I33300001M KEMET-R463I33300001M Datasheet
54Kb / 1P
   R46_310, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
More results

Similar Description - R463I333000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463I3100DQM1M KEMET-R463I3100DQM1M Datasheet
59Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I3100CKM1M KEMET-R463I3100CKM1M Datasheet
59Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I310000M1M KEMET-R463I310000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I347050N0M KEMET-R463I347050N0M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I24700001M KEMET-R463I24700001M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.047 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I21000001K KEMET-R463I21000001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.01 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I21005001K KEMET-R463I21005001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.01 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463I22205001K KEMET-R463I22205001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.022 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 15mm
R463N333050N0K KEMET-R463N333050N0K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 22.5mm
R463I347050M1K KEMET-R463I347050M1K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 10%, 630 V, 310 V, 110C, Lead Spacing = 15mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com