Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495U107K050AGE0457280 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495U107K050AGE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495U107K050AGE0457280 Datasheet(HTML) 1 Page - Kemet Corporation

  T495U107K050AGE0457280 Datasheet HTML 1Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 2Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 3Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 4Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 5Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 6Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 7Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 8Page - Kemet Corporation T495U107K050AGE0457280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017
1
One world. One KEMET
Benefits
• Meets or exceeds EIA Standard 535BAAC
• Taped and reeled per EIA 481
• High surge current capability
• Optional gold-plated terminations
• High ripple current capability
• 100% surge current test on C, D, E, U, V, X sizes
• 100% steady-state accelerated aging
• Capacitancevaluesof0.1μFto1,000μF
• Tolerances of ±10% and ±20%
• Voltage rating of 2.5 – 50 VDC
• Extended range values
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−55˚Cto+125˚C
Overview
The low ESR, surge-robust T495 Series is designed for
demanding applications that require high surge current
and high ripple current capability. This series builds upon
the proven capabilities of our industrial grade tantalum
chip capacitors to offer several advantages such as low
ESR, high ripple current capability, excellent capacitance
stability, and improved resistance to high in-rush currents.
Thesebenefitsareachievedthoughacombinationof
proprietary design, materials, and process parameters as
well as high-stress, low impedance electrical conditioning
performedpriortoscreening.ThisseriesisclassifiedasMSL
(MoistureSensitivityLevel)1underJSTD020:unlimited
floorlifetimeat≤30°C/85%RH.
TantalumSurfaceMountCapacitors–LowESR
T495 Series Surge Robust MnO
2
Applications
Typicalapplicationsincludedecouplingandfilteringinautomotiveendapplications,suchasDC/DCconverters,portable
electronics, telecommunications, and control units requiring high ripple current capability.
Environmental Compliance
RoHSCompliant(6/6)accordingtoDirective2002/95/ECwhenorderedwith100%Snsolder,GoldplatedorNon-magnetic
100% Sn solder.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T495U107K050AGE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495U107K050AHE045 KEMET-T495U107K050AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495U107K050ATE045 KEMET-T495U107K050ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495U107K050AGE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com