Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T548T157M006ATE0507280 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T548T157M006ATE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T548T157M006ATE0507280 Datasheet(HTML) 3 Page - Kemet Corporation

  T548T157M006ATE0507280 Datasheet HTML 1Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 2Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 3Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 4Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 5Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 6Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 7Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 8Page - Kemet Corporation T548T157M006ATE0507280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
33
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Qualification
Test
Condition
Characteristics
Endurance
85°C or 105°C at rated voltage, 2,000 hours**
Δ C/C
Within −20/+10% of initial value
DF
Within initial limit
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Storage Life
85°C or 105°C at 0 volts, 2,000 hours**
Δ C/C
Within −20%/+10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Humidity
60°C, 90% RH, No Load, 500 hours
Δ C/C
Within −5% /+35% of initial value
DF
Within initial limit
DCL
Within 5.0 x initial limit
ESR
Within 2.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at
+25ºC, -55ºC, +25ºC, +85ºC, +105°C**,
+25ºC
+25°C
−55°C
+25°C
+85°C
+105ºC**
+25°C
Δ C/C
IL*
+/−20% +/−10% +/−20%
+/-30%
+/−10%
DF
IL
IL
IL
1.2 x IL
1.5 x IL
IL
DCL
IL
N/A
IL
10 x IL
10 x IL
IL
Surge Voltage
85°C or 105°C, 1.32 x rated voltage, 1,000
cycles**
Δ C/C
Within −20/+10% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL-STD-202, Method 213, Condition I, 100G
peak
Δ C/C
Within ±10% of initial value
(Within initial limits for T527 Series)
DF
Within initial limits
DCL
Within initial limits
* IL = initial limit
** Refer to Table 1 - Ratings & Part Number Reference for temperature classification. If temperature classification is 85°C, the 105°C step is not
performed for the temperature stability test.


Similar Part No. - T548T157M006ATE0507280

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T54 VISHAY-T54 Datasheet
723Kb / 24P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
01-Jan-2023
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
List of Unclassifed Man...
T540 ETC1-T540 Datasheet
244Kb / 2P
   Professional Thermal Imaging Cameras
logo
E-SWITCH
T540001 E-SWITCH-T540001 Datasheet
130Kb / 1P
   All Dimension In MM
More results

Similar Description - T548T157M006ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com