Electronic Components Datasheet Search |
|
T545B157M010ATE0507280 Datasheet(PDF) 8 Page - Kemet Corporation |
|
T545B157M010ATE0507280 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2079_SSD • 9/27/2016 88 Solid State Drives/High Energy Applications Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC Surge Voltage Surge voltage is the maximum voltage (peak value) which may be applied to the capacitor. The surge voltage must not be applied for periodic charging and discharging in the course of normal operation and cannot be part of the application voltage. Surge voltage capability is demonstrated by application of 1,000 cycles at operating temperature. The parts are charged through a 33 Ohm resistor for 30 seconds and then discharged though a 33 Ohm resistor for each cycle. Rated Voltage (V) Surge Voltage (V) –55ºC to 105ºC 2.5 3.3 6.3 8.3 10 13.2 16 21.1 20 26.4 25 33.0 35 46.2 Reverse Voltage Polymer electrolytic capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong polarity. These devices will withstand a small degree of transient voltage reversal for short periods as shown in the below table. Temperature Permissible Transient Reverse Voltage 25°C 15% of Rated Voltage 55°C 10% of Rated Voltage 85°C 5% of Rated Voltage 105°C 3% of Rated Voltage 125°C* 1% of Rated Voltage *For series rated to 125°C |
Similar Part No. - T545B157M010ATE0507280 |
|
Similar Description - T545B157M010ATE0507280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |