Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T548Y157M016ATE0507280 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T548Y157M016ATE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T548Y157M016ATE0507280 Datasheet(HTML) 4 Page - Kemet Corporation

  T548Y157M016ATE0507280 Datasheet HTML 1Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 2Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 3Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 4Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 5Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 6Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 7Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 8Page - Kemet Corporation T548Y157M016ATE0507280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
44
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Dimensions – Millimeters (Inches)
Metric will govern
For T520/T521/T545
H
X
T
B
B
F
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
KEMET EIA
L
W
H
F ±0.1
(±0.004)
S ±0.3
(±0.012)
B ±0.15
(Ref) ±0.006
X
(Ref)
P
(Ref)
T
(Ref)
A
(Min)
Total
Weight
(mg)
T
3528-12
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.1±0.1
(0.043±0.004)
2.2
(0.087)
0.80
(0.032)
N/A
0.05
(0.002)
N/A
0.13
(0.005)
1.9
(0.075)
55
M
3528-15
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.4±0.1
(0.055±0.004)
2.2
(0.087)
0.8
(0.031)
N/A
0.05
(0.002)
N/A
0.13
(0.005)
1.1
(0.043)
98
B
3528-21
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.9±0.2
(0.075±0.008)
2.2
(0.087)
0.80
(0.032)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.5
(0.020)
0.13
(0.005)
1.9
(0.075)
95
W
7343-15
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.4±0.1
(0.055±0.004)
2.4
(0.094)
1.30
(0.051)
N/A
0.05
(0.002)
N/A
0.13
(0.005)
3.6
(0.142)
223
V
7343-20
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.9±0.1
(0.075±0.004)
2.4
(0.094)
1.30
(0.051)
N/A
0.05
(0.002)
N/A
0.13
(0.005)
3.6
(0.142)
274
Y
7343-40
7.3 ±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
3.8±0.2
(0.150±0.008)
2.4
(0.094)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
0.13
(0.005)
3.8
(0.150)
494
X
7343-43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.30
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
0.13
(0.005)
3.6
0.142)
554
J
7360-15
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
1.4±0.1
(0.055±0.004)
4.1
(0.161)
1.30
(0.051)
N/A
0.10±0.10
(0.004±0.004)
N/A
0.13
(0.005)
3.3
(0.130)
263
H
7360-20
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
1.9±0.1
(0.075±0.004)
4.1
(0.161)
1.3
(0.051)
N/A
0.10±0.10
(0.004±0.004)
N/A
0.13
(0.005)
3.3
(0.130)
385
O
7360-43
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
4.0±0.3
(0.157±0.012)
4.1
(0.161)
1.3
(0.051)
N/A
0.10±0.10
(0.004±0.004)
N/A
0.13
(0.005)
3.3
(0.130)
696
For T523/T548
SIDE VIEW
BOTTOM VIEW
END VIEW
F
S
S
W
L
H
KEMET
EIA
L
W
H
F ±0.1
(±0.004)
S ±0.3
(±0.012)
Total Weight
(mg)
W
7343-15
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.4±0.1
(0.055±0.004)
2.4
(0.094)
1.3
(0.051)
223
J
7360-15
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
1.4±0.1
(0.055±0.004)
4.45
(0.175)
1.6
(0.063)
263
V
7343-20
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.9±0.1
(0.075±0.004)
2.4
(0.094)
1.3
(0.051)
274
H
7360-20
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
1.9±0.1
(0.075±0.004)
4.45
(0.175)
1.6
(0.063)
385


Similar Part No. - T548Y157M016ATE0507280

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T54 VISHAY-T54 Datasheet
723Kb / 24P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
01-Jan-2023
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
List of Unclassifed Man...
T540 ETC1-T540 Datasheet
244Kb / 2P
   Professional Thermal Imaging Cameras
logo
E-SWITCH
T540001 E-SWITCH-T540001 Datasheet
130Kb / 1P
   All Dimension In MM
More results

Similar Description - T548Y157M016ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com