Electronic Components Datasheet Search |
|
T520W157M020ATE0507280 Datasheet(PDF) 3 Page - Kemet Corporation |
|
T520W157M020ATE0507280 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2079_SSD • 9/27/2016 33 Solid State Drives/High Energy Applications Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC Qualification Test Condition Characteristics Endurance 85°C or 105°C at rated voltage, 2,000 hours** Δ C/C Within −20/+10% of initial value DF Within initial limit DCL Within 1.25 x initial limit ESR Within 2.0 x initial limit Storage Life 85°C or 105°C at 0 volts, 2,000 hours** Δ C/C Within −20%/+10% of initial value DF Within initial limits DCL Within 1.25 x initial limit ESR Within 2.0 x initial limit Humidity 60°C, 90% RH, No Load, 500 hours Δ C/C Within −5% /+35% of initial value DF Within initial limit DCL Within 5.0 x initial limit ESR Within 2.0 x initial limit Temperature Stability Extreme temperature exposure at a succession of continuous steps at +25ºC, -55ºC, +25ºC, +85ºC, +105°C**, +25ºC +25°C −55°C +25°C +85°C +105ºC** +25°C Δ C/C IL* +/−20% +/−10% +/−20% +/-30% +/−10% DF IL IL IL 1.2 x IL 1.5 x IL IL DCL IL N/A IL 10 x IL 10 x IL IL Surge Voltage 85°C or 105°C, 1.32 x rated voltage, 1,000 cycles** Δ C/C Within −20/+10% of initial value DF Within initial limits DCL Within initial limits ESR Within initial limits Mechanical Shock/ Vibration MIL-STD-202, Method 213, Condition I, 100G peak Δ C/C Within ±10% of initial value (Within initial limits for T527 Series) DF Within initial limits DCL Within initial limits * IL = initial limit ** Refer to Table 1 - Ratings & Part Number Reference for temperature classification. If temperature classification is 85°C, the 105°C step is not performed for the temperature stability test. |
Similar Part No. - T520W157M020ATE0507280 |
|
Similar Description - T520W157M020ATE0507280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |